Electronic Components Datasheet Search
  English  ▼

X  

141SAP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 141SAP
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

141SAP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  141SAP Datasheet HTML 1Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 2Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 3Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 4Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 5Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 6Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 7Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 8Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4
Erem Tweezers
Erem tweeezers are high precision tools of constant high quality. Precise
finished and symmetrical tips together with easy handling and perfect
balance makes them outstanding tools. The range of Erem tweezers covers
a wide diversity of applications. It is produced in many shapes and can be
manufactured from different materials. The most popular models are avai-
lable in a lower cost economy (SL) range. In all models,
the type number of the tweezers is stamped, not printed.
The Material
Erem offers a wide variety of materials, carbon steel, stainless steel, Erem
special stainless steel, Nickel plated, Brass or Titanium. The most common ones‘
are explained below:
Carbon Steel
Carbon steel tweezers have hard tips but the rust resistance is low and they
are magnetic. Carbon steel tweezers have no suffix.
Stainless Steel
Tweezers from stainless steel have strong tips and are rust resistant but are not
as hard and longlasting as carbon steel tweezers. Stainless steel tweezers have the suffix „S“.
Erem Special Stainless Steel
This grade of steel is a non magnetic, rust resistant, anti acid alloy.
It is temperature resistant up to 300°C.
Tweezers from special stainless steel have the suffix „SA“
Coating
The Pyroplast coating is an exclusive by Erem. The advantages are:
- heat resistance up to 500°C (932°F), almost twice as much as
PTFE, Cralon, etc.
- no capillary effect on tips while soldering (non-stick property)
- no contamination caused by positive or negative charge
- hydrophobic
- radiation resistant
- thickness 60-80 µ
the suffix is „PYR“.
Note: The Pyroplast coating is not available for all Erem tweezers. It is made to order
and needs a minimum order quantity. Please ask for further information.
Ergonomic
Developed by Erem, tweezers with ergonomically shaped handles to alleviate the problem
of Repetitive Strain Injuries (RSI) and reduce operator fatigue. The range has been
selected to include the most popular tip shapes (see page 11). The main features are:
- ergonomic design for operator comfort and ease of control
- two colour, thermally insulated soft grip handles moulded from a synthetic material
- ESD safe
- the grips absorb heat for additional user protection
- manufactured from non magnetic, acid resistant, stainless steel alloy
- supplied in a rigid, transparent plastic box for protection and storage
The prefix for ergonomic tweezers is “E”.
Suffix
None
carbon steel
E (Prefix) ergonomic handles
M
Brass, soft material to avoid damage, no sparks
N
Nickel-Silver alloy
PYR
Pyroplast coating
RU
anti adhesive coating
S
stainless steel
SA, CA special stainless steel, non-magnetic, acid resistant
SL
economy version
TA
Titanium, non-magnetic, lightweight, high temperature resistant
Z
Nickel plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com