Electronic Components Datasheet Search
  English  ▼

X  

141SAP Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # 141SAP
Description  Cooper Hand Tools
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

141SAP Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button 141SAP Datasheet HTML 42Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 43Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 44Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 45Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 46Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 47Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 48Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 49Page - List of Unclassifed Manufacturers 141SAP Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
120 mm
max.
15 mm
3-12 mm
85 g
500103A
-
500210E
500104A
High grade tool steel, anti-glare finish, ESD safe
High precision preforming tool. Bends flat parts, contacts, power
transistors, triac leads, etc. to a right angle. Adjustable with screw.
120 mm
max.
11 mm
3,8-15 mm
85 g
High grade tool steel, anti-glare finish, ESD safe, cut + bend
High precision preforming tool. Improved version of 500103A. Cuts and
bends TO series, power transistor, LEDs, etc. simultaneously at 90°
without stressing the component. Simple adjustment (M) and replace-
able cutting blade.
-
120 mm
max.
13 mm
3,5-15 mm
85 g
3 leads, high grade tool steel, anti-glare finish, ESD safe
High precision preforming tool for 3 leads. Bends TO 126, 218, 220,
power transistor leads, etc. at 90° in two rows. Adjustable (M) with
screw.
2,54 mm
Pre-Forming Tools
PRE-FORMING TOOLS
46
Pre-Forming Tools for Active Components
Model
L
K
MI
Weight
Description
For Active Components
120 mm
max.
13 mm
3,5-15 mm
85 g
500104AI
2,54 mm
3 leads, high grade tool steel, anti-glare finish, ESD safe,
central lead backwards
High precision preforming tool for 3 leads. Bends TO 126, 218,
220, power transistor leads, etc. at 90° in two rows. Adjustable
(M) with screw. Central lead backwards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com