Electronic Components Datasheet Search
  English  ▼

X  

LF355 Datasheet(PDF) 18 Page - Texas Instruments

Part # LF355
Description  JFET Input Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF355 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LF355 Datasheet HTML 14Page - Texas Instruments LF355 Datasheet HTML 15Page - Texas Instruments LF355 Datasheet HTML 16Page - Texas Instruments LF355 Datasheet HTML 17Page - Texas Instruments LF355 Datasheet HTML 18Page - Texas Instruments LF355 Datasheet HTML 19Page - Texas Instruments LF355 Datasheet HTML 20Page - Texas Instruments LF355 Datasheet HTML 21Page - Texas Instruments LF355 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LF155, LF156, LF355, LF356, LF357
SNOSBH0C – MAY 2000 – REVISED MARCH 2013
www.ti.com
Figure 46. 8-Bit D/A Converter with Symmetrical Offset Binary Operation
•
R1, R2 should be matched within ±0.05%
•
Full-scale response time: 3
μs
EO
B1
B2
B3
B4
B5
B6
B7
B8
Comments
+9.920
1
1
1
1
1
1
1
1
Positive Full-Scale
+0.040
1
0
0
0
0
0
0
0
(+) Zero-Scale
−0.040
0
1
1
1
1
1
1
1
(
−) Zero-Scale
−9.920
0
0
0
0
0
0
0
0
Negative Full-Scale
Figure 47. Wide BW Low Noise, Low Drift Amplifier
•
Parasitic input capacitance C1
≃ (3pF for LF155, LF156 and LF357 plus any additional layout capacitance)
interacts with feedback elements and creates undesirable high frequency pole. To compensate add C2 such
that: R2 C2
≃ R1 C1.
Figure 48. Boosting the LF156 with a Current Amplifier
•
IOUT(MAX)≃150mA (will drive RL≥ 100Ω)
•
•
No additional phase shift added by the current amplifier
18
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LF155 LF156 LF355 LF356 LF357



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com