Electronic Components Datasheet Search
  English  ▼

X  

LF355 Datasheet(PDF) 22 Page - Texas Instruments

Part # LF355
Description  JFET Input Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LF355 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LF355 Datasheet HTML 18Page - Texas Instruments LF355 Datasheet HTML 19Page - Texas Instruments LF355 Datasheet HTML 20Page - Texas Instruments LF355 Datasheet HTML 21Page - Texas Instruments LF355 Datasheet HTML 22Page - Texas Instruments LF355 Datasheet HTML 23Page - Texas Instruments LF355 Datasheet HTML 24Page - Texas Instruments LF355 Datasheet HTML 25Page - Texas Instruments LF355 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LF155, LF156, LF355, LF356, LF357
SNOSBH0C – MAY 2000 – REVISED MARCH 2013
www.ti.com
Figure 55. Fast Sample and Hold
•
Both amplifiers (A1, A2) have feedback loops individually closed with stable responses (overshoot negligible)
•
Acquisition time TA, estimated by:
•
LF156 develops full Sr output capability for VIN ≥ 1V
•
Addition of SW2 improves accuracy by putting the voltage drop across SW1 inside the feedback loop
•
Overall accuracy of system determined by the accuracy of both amplifiers, A1 and A2
Figure 56. High Accuracy Sample and Hold
•
By closing the loop through A2, the VOUT accuracy will be determined uniquely by A1.
–
No VOS adjust required for A2.
•
TA can be estimated by same considerations as previously but, because of the added
–
propagation delay in the feedback loop (A2) the overshoot is not negligible.
•
Overall system slower than fast sample and hold
•
R1, CC: additional compensation
•
Use LF156 for
–
Fast settling time
–
Low VOS
22
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LF155 LF156 LF355 LF356 LF357



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com