Electronic Components Datasheet Search
  English  ▼

X  

LM2623AMM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2623AMM
Description  LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2623AMM Datasheet(HTML) 5 Page - Texas Instruments

  LM2623AMM Datasheet HTML 1Page - Texas Instruments LM2623AMM Datasheet HTML 2Page - Texas Instruments LM2623AMM Datasheet HTML 3Page - Texas Instruments LM2623AMM Datasheet HTML 4Page - Texas Instruments LM2623AMM Datasheet HTML 5Page - Texas Instruments LM2623AMM Datasheet HTML 6Page - Texas Instruments LM2623AMM Datasheet HTML 7Page - Texas Instruments LM2623AMM Datasheet HTML 8Page - Texas Instruments LM2623AMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
2.000
2.100
2.200
2.300
2.400
2.500
2.600
2.700
2.800
2.900
3.000
-
40
-
30
-
20
-
10
0 10 20 30 40 50 60 70 80
Temperature (ºC)
2A
1A
0.000
0.050
0.100
0.150
0.200
0.250
0.300
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80
Temperature (ºC)
-50
0
50
100
Temperatur
e
0.800
0.90
0
1.00
0
1.100
1.20
0
1.30
0
1.2
1.7
2.2
2.7
3.2
3.7
4.2
Vin (V)
0
0.5
1
1.5
2
300k
225k
150
75k
V
DD
= 3.3V
TEMPERATURE (ºC)
-40
-25
-10
5
20
35
50
65
80
1.2365
1.236
1.2355
1.235
1.2345
1.234
1.2335
1.233
1.2325
300mA
600mA
10mA
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
1.8
2.1
2.4 2.7
3.0
3.3
3.6
3.9 4.2
4.5
Vin
LM2623
www.ti.com
SNVS188G – MAY 2004 – REVISED DECEMBER 2005
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency
vs
VFB
VIN
vs
VOUT = 5.0V
Temperature
Figure 3.
Figure 4.
Frequency
vs
Maximum Start Up Voltage vs
VIN
Temperature
Figure 5.
Figure 6.
Typical RDS(ON) vs
Typical Current Limit vs
Temperature
Temperature
Figure 7.
Figure 8.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com