Electronic Components Datasheet Search
  English  ▼

X  

LM2623AMM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM2623AMM
Description  LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2623AMM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2623AMM Datasheet HTML 3Page - Texas Instruments LM2623AMM Datasheet HTML 4Page - Texas Instruments LM2623AMM Datasheet HTML 5Page - Texas Instruments LM2623AMM Datasheet HTML 6Page - Texas Instruments LM2623AMM Datasheet HTML 7Page - Texas Instruments LM2623AMM Datasheet HTML 8Page - Texas Instruments LM2623AMM Datasheet HTML 9Page - Texas Instruments LM2623AMM Datasheet HTML 10Page - Texas Instruments LM2623AMM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LM2623
www.ti.com
SNVS188G – MAY 2004 – REVISED DECEMBER 2005
Figure 10. Typical Step-Up Regulator Waveforms
PULSE FREQUENCY MODULATION (PFM)
Pulse Frequency Modulation is typically accomplished by switching continuously until the voltage limit is reached
and skipping cycles after that to just maintain it. This results in a somewhat hysteretic mode of operation. The
coil stores more energy each cycle as the current ramps up to high levels. When the voltage limit is reached, the
system usually overshoots to a higher voltage than required, due to the stored energy in the coil (see Figure 10).
The system will also undershoot somewhat when it starts switching again because it has depleted all the stored
energy in the coil and needs to store more energy to reach equilibrium with the load. Larger output capacitors
and smaller inductors reduce the ripple in these situations. The frequency being filtered, however, is not the basic
switching frequency. It is a lower frequency determined by the load, the input/output voltage and the circuit
parameters. This mode of operation is useful in situations where the load variation is significant. Power managed
computer systems, for instance, may vary from zero to full load while the system is on and this is usually the
preferred regulation mode for such systems.
CYCLE TO CYCLE PFM
When the load doesn't vary over a wide range (like zero to full load), ratio adaptive circuit techniques can be
used to achieve cycle to cycle PFM regulation and lower ripple (or smaller output capacitors). The key to success
here is matching the duty cycle of the circuit closely to what is required by the input to output voltage ratio. This
ratio then needs to be dynamically adjusted for input voltage changes (usually caused by batteries running
down). The chosen ratio should allow most of the energy in each switching cycle to be delivered to the load and
only a small amount to be stored. When the regulation limit is reached, the overshoot will be small and the
system will settle at an equilibrium point where it adjusts the off time in each switching cycle to meet the current
requirements of the load. The off time adjustment is done by exceeding the regulation limit during each switching
cycle and waiting until the voltage drops below the limit again to start the next switching cycle. The current in the
coil never goes to zero like it frequently does in the hysteretic operating mode of circuits with wide load variations
or duty cycles that aren't matched to the input/output voltage ratio. Optimizing the duty cycle for a given set of
input/output voltages conditions can be done by using the circuit values in the Application Notes.
LOW VOLTAGE START-UP
The LM2623 can start-up from voltages as low as 1.1 volts. On start-up, the control circuitry switches the N-
channel MOSFET continuously until the output reaches 3 volts. After this output voltage is reached, the normal
step-up regulator feedback and gated oscillator control scheme take over. Once the device is in regulation, it can
operate down to below .8V input, since the internal power for the IC can be boot-strapped from the output using
the Vdd pin.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com