Electronic Components Datasheet Search
  English  ▼

X  

LM2623AMM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2623AMM
Description  LM2623 General Purpose, Gated Oscillator Based, DC/DC Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2623AMM Datasheet(HTML) 3 Page - Texas Instruments

  LM2623AMM Datasheet HTML 1Page - Texas Instruments LM2623AMM Datasheet HTML 2Page - Texas Instruments LM2623AMM Datasheet HTML 3Page - Texas Instruments LM2623AMM Datasheet HTML 4Page - Texas Instruments LM2623AMM Datasheet HTML 5Page - Texas Instruments LM2623AMM Datasheet HTML 6Page - Texas Instruments LM2623AMM Datasheet HTML 7Page - Texas Instruments LM2623AMM Datasheet HTML 8Page - Texas Instruments LM2623AMM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LM2623
www.ti.com
SNVS188G – MAY 2004 – REVISED DECEMBER 2005
ABSOLUTE MAXIMUM RATINGS
(1) (2)
SW Pin Voltage
−0.5 V to 14.5V
BOOT, VDD, EN and FB Pins
−0.5V to 10V
FREQ Pin
100µA
TJmax
(3)
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temp. (Soldering, 5 sec)
260°C
Power Dissipation (TA=25°C)
(3)
500mW
ESD Rating (4)
2kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device outside of its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by Tjmax (maximum junction temperature),
θJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is Pdmax = (Tjmax - TA)/ θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. For Pin 8 (SW) the ESD rating is 1.0
kV.
OPERATING CONDITIONS
(1)
VDD Pin
3V to 5V
FB, EN Pins
0 to VDD
BOOT Pin
0 to 10V
Ambient Temperature (TA)
−40°C to +85°C
(1)
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device outside of its rated operating conditions.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com