Electronic Components Datasheet Search
  English  ▼

X  

LM3444MM Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3444MM
Description  AC-DC Offline LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3444MM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3444MM Datasheet HTML 12Page - Texas Instruments LM3444MM Datasheet HTML 13Page - Texas Instruments LM3444MM Datasheet HTML 14Page - Texas Instruments LM3444MM Datasheet HTML 15Page - Texas Instruments LM3444MM Datasheet HTML 16Page - Texas Instruments LM3444MM Datasheet HTML 17Page - Texas Instruments LM3444MM Datasheet HTML 18Page - Texas Instruments LM3444MM Datasheet HTML 19Page - Texas Instruments LM3444MM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
IL-PK(UNDIM) =
750 mV
R3
IAVE(UNDIM) = IL2-PK(UNDIM) -
'iL
2
IL2-PK = IAVE +
'iL
2
t
tOFF
tON
IL2 (t)
IAVE
IL2-PK
'iL
IL2-MIN
L2 =
fSW x 'i
VLED
VLED
VBUCK
1
K
1
u
VLED
tOFF =
VBUCK
fSW
1
K
1
u
L2
# tOFF x
VLED
'i
LM3444
SNVS682C – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
(20)
Where:
(21)
Finally:
(22)
Refer to “Design Example” section of the datasheet to better understand the design process.
SETTING THE LED CURRENT
The LM3444 constant off-time control loop regulates the peak inductor current (IL2). The average inductor current
equals the average LED current (IAVE). Therefore the average LED current is regulated by regulating the peak
inductor current.
Figure 19. Inductor Current Waveform in CCM
Knowing the desired average LED current, IAVE and the nominal inductor current ripple, ΔiL, the peak current for
an application running in continuous conduction mode (CCM) is defined as follows:
(23)
Or the LED current would then be,
(24)
This is important to calculate because this peak current multiplied by the sense resistor R3 will determine when
the internal comparator is tripped. The internal comparator turns the control MOSFET off once the peak sensed
voltage reaches 750 mV.
(25)
16
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com