Electronic Components Datasheet Search
  English  ▼

X  

LM3444MM Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3444MM
Description  AC-DC Offline LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3444MM Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3444MM Datasheet HTML 14Page - Texas Instruments LM3444MM Datasheet HTML 15Page - Texas Instruments LM3444MM Datasheet HTML 16Page - Texas Instruments LM3444MM Datasheet HTML 17Page - Texas Instruments LM3444MM Datasheet HTML 18Page - Texas Instruments LM3444MM Datasheet HTML 19Page - Texas Instruments LM3444MM Datasheet HTML 20Page - Texas Instruments LM3444MM Datasheet HTML 21Page - Texas Instruments LM3444MM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
VBUCK(MIN) =
2
90
2
x SIN(135
o)
= 45V
VBUCK(MIN) =
2
VAC-RMS(MIN)
#stages
x SIN(T)
VAC-RMS-PK 2
VAC
t
VPEAK
LM3444
SNVS682C – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
1. AC line operating voltage. This is usually 90VAC to 135VAC for North America. Although the LM3444 can
operate at much lower and higher input voltages a range is needed to illustrate the design process.
2. How many stages are implemented in the valley-fill circuit (1, 2 or 3).
In this example the most common valley-fill circuit will be used (two stages).
Figure 21. AC Line
Figure 21 shows the AC waveform. One can easily see that the peak voltage (VPEAK) will always be:
(27)
The voltage at VBUCK with a valley fill stage of two will look similar to the waveforms of Figure 20.
The purpose of the valley fill circuit is to allow the buck converter to pull power directly off of the AC line when
the line voltage is greater than its peak voltage divided by two (two stage valley fill circuit). During this time, the
capacitors within the valley fill circuit (C7 and C8) are charged up to the peak of the AC line voltage. Once the
line drops below its peak divided by two, the two capacitors are placed in parallel and deliver power to the buck
converter. One can now see that if the peak of the AC line voltage is lowered due to variations in the line voltage
the DC offset (VDC) will lower. VDC is the lowest value that voltage VBUCK will encounter.
(28)
Example:
Line voltage = 90VAC to 135VAC
Valley-Fill = two stage
(29)
Depending on what type and value of capacitors are used, some derating should be used for voltage droop when
the capacitors are delivering power to the buck converter. With this derating, the lowest voltage the buck
converter will see is about 42.5V in this example.
To determine how many LEDs can be driven, take the minimum voltage the buck converter will see (42.5V) and
divide it by the worst case forward voltage drop of a single LED.
Example: 42.5V/3.7V = 11.5 LEDs (11 LEDs with margin)
18
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com