Electronic Components Datasheet Search
  English  ▼

X  

LM3444MM Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3444MM
Description  AC-DC Offline LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3444MM Datasheet(HTML) 2 Page - Texas Instruments

  LM3444MM Datasheet HTML 1Page - Texas Instruments LM3444MM Datasheet HTML 2Page - Texas Instruments LM3444MM Datasheet HTML 3Page - Texas Instruments LM3444MM Datasheet HTML 4Page - Texas Instruments LM3444MM Datasheet HTML 5Page - Texas Instruments LM3444MM Datasheet HTML 6Page - Texas Instruments LM3444MM Datasheet HTML 7Page - Texas Instruments LM3444MM Datasheet HTML 8Page - Texas Instruments LM3444MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
4
3
2
10
7
8
9
ISNS
NC
GATE
NC
COFF
VCC
NC
NC
5
6
FILTER
GND
3
2
1
6
7
8
VCC
NC
NC
GND
COFF
FILTER
4
5
ISNS
GATE
LM3444
SNVS682C – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
Connection Diagrams
Figure 1. 10-Pin VSSOP (Top View)
Figure 2. 8-Lead SOIC (Top View)
See DGS Package
See D Package
PIN DESCRIPTIONS
VSSOP
SOIC
Name
Description
1
1
NC
No internal connection. Leave this pin open.
2
NC
No internal connection. Leave this pin open.
3
NC
No internal connection. Leave this pin open.
4
8
COFF
OFF time setting pin. A user set current and capacitor connected from the output to this pin sets the
constant OFF time of the switching controller.
5
2
FILTER
Filter input. A low pass filter tied to this pin can filter a PWM dimming signal to supply a DC voltage to
control the LED current. Can also be used as an analog dimming input. If not used for dimming connect a
0.1µF capacitor from this pin to ground.
6
3
GND
Circuit ground connection.
7
4
ISNS
LED current sense pin. Connect a resistor from main switching MOSFET source, ISNS to GND to set the
maximum LED current.
8
5
GATE
Power MOSFET driver pin. This output provides the gate drive for the power switching MOSFET of the
buck controller.
9
6
VCC
Input voltage pin. This pin provides the power for the internal control circuitry and gate driver.
10
7
NC
No internal connection. Leave this pin open.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3444



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com