Electronic Components Datasheet Search
  English  ▼

X  

LM3480 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3480
Description  LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3480 Datasheet(HTML) 1 Page - Texas Instruments

  LM3480 Datasheet HTML 1Page - Texas Instruments LM3480 Datasheet HTML 2Page - Texas Instruments LM3480 Datasheet HTML 3Page - Texas Instruments LM3480 Datasheet HTML 4Page - Texas Instruments LM3480 Datasheet HTML 5Page - Texas Instruments LM3480 Datasheet HTML 6Page - Texas Instruments LM3480 Datasheet HTML 7Page - Texas Instruments LM3480 Datasheet HTML 8Page - Texas Instruments LM3480 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM3480
www.ti.com
SNVS011E – JUNE 1999 – REVISED MARCH 2013
LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
Check for Samples: LM3480
1
FEATURES
DESCRIPTION
The LM3480 is an integrated linear voltage regulator.
2
•
3.3, 5, 12, and 15V Versions Available
It features operation from an input as high as 30V
•
Packaged in the Tiny 3-Lead SOT-23 Package
and a ensured maximum dropout of 1.2V at the full
100 mA load. Standard packaging for the LM3480 is
APPLICATIONS
the 3-lead SOT-23 package.
•
Tiny Alternative to LM78LXX Series and
The 5, 12, and 15V members of the LM3480 series
Similar Devices
are intended as tiny alternatives to industry standard
LM78LXX series and similar devices. The 1.2V quasi
•
Tiny 5V±5% to 3.3V, 100 mA Converter
low dropout of LM3480 series devices makes them a
•
Post Regulator for Switching DC/DC Converter
nice fit in many applications where the 2 to 2.5V
•
Bias Supply for Analog Circuits
dropout of LM78LXX series devices precludes their
(LM78LXX series devices) use.
KEY SPECIFICATIONS
The LM3480 series features a 3.3V member. The
•
30V Maximum Input for Operation
SOT-23 packaging and quasi low dropout features of
the LM3480 series converge in this device to provide
•
1.2V Ensured Maximum Dropout Over Full
a very nice, very tiny 3.3V, 100 mA bias supply that
Load and Temperature Ranges
regulates directly off the system 5V±5% power
•
100 mA Ensured Minimum Load Current
supply.
•
±5% Ensured Output Voltage Tolerance Over
Full Load and Temperature Ranges
•
−40 to +125°C Junction Temperature Range for
Operation
Typical Application Circuit
Connection Diagram
Figure 1. Top View
SOT-23 Package
Package Number DBZ0003A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480 TI-LM3480 Datasheet
1,021Kb / 20P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
LM3480 TECHPUBLIC-LM3480 Datasheet
1Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480 TI2-LM3480 Datasheet
720Kb / 22P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
REVISED SEPTEMBER 2015
logo
Silicon Supplies
LM3480-5 SS-LM3480-5 Datasheet
1Mb / 5P
Linear Voltage Regulator
More results

Similar Description - LM3480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LM3480 TI-LM3480_15 Datasheet
1,021Kb / 20P
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com