Electronic Components Datasheet Search
  English  ▼

X  

LM3480 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3480
Description  LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3480 Datasheet(HTML) 2 Page - Texas Instruments

  LM3480 Datasheet HTML 1Page - Texas Instruments LM3480 Datasheet HTML 2Page - Texas Instruments LM3480 Datasheet HTML 3Page - Texas Instruments LM3480 Datasheet HTML 4Page - Texas Instruments LM3480 Datasheet HTML 5Page - Texas Instruments LM3480 Datasheet HTML 6Page - Texas Instruments LM3480 Datasheet HTML 7Page - Texas Instruments LM3480 Datasheet HTML 8Page - Texas Instruments LM3480 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM3480
SNVS011E – JUNE 1999 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Input Voltage (IN to GND)
35V
Power Dissipation (3)
333mW
Junction Temp. (3)
+150°C
Ambient Storage Temp.
−65 to +150°C
Soldering Time, Temp. (4)
Wave
4 sec., 260°C
Infrared
10 sec., 240°C
Vapor Phase
75 sec., 219°C
ESD (5)
2kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using P = (TJ - TA)/θJA where TJ
is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. The 333 mW rating
results from substituting the Absolute Maximum junction temperature, 150°C, for TJ , 50°C for TA, and 300°C/W for θJA. More power can
be safely dissipated at lower ambient temperatures. Less power can be safely dissipated at higher ambient temperatures. The Absolute
Maximum power dissipation can be increased by 3.33 mW for each °C below 50°C ambient. It must be derated by 3.33 mW for each °C
above 50°C ambient. A
θJA of 300°C/W represents the worst-case condition of no heat sinking of the 3-lead plastic SOT-23 package.
Heat sinking enables the safe dissipation of more power. The LM3480 actively limits its junction temperature to about 150°C.
(4)
Times shown are dwell times. Temperatures shown are dwell temperatures. For detailed information on soldering plastic small-outline
packages, refer to the Packaging Databook .
(5)
For testing purposes, ESD was applied using the human-body model, a 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Operating Ratings
(1)
Max. Input Voltage (IN to GND)
30V
Junction Temp. (TJ)
−40 to +125°C
Max. Power Dissipation (2)
250mW
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics.
(2)
As with the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature.
The 250 mW rating appearing under Operating Ratings results from substituting the maximum junction temperature for operation,
125°C, for TJ, 50°C for TA, and 300°C/W for θJA in P = (TJ - TA)/θJA. More power can be dissipated at lower ambient temperatures. Less
power can be dissipated at higher ambient temperatures. The maximum power dissipation for operation appearing under Operating
Ratings can be increased by 3.33 mW for each °C below 50°C ambient. It must be derated by 3.33 mW for each °C above 50°C
ambient. A
θJA of 300°C/W represents the worst-case condition of no heat sinking of the 3-lead plastic SOT-23 package. Heat sinking
enables the dissipation of more power during operation.
Electrical Characteristics LM3480-3.3, LM3480-5.0
Typicals and limits appearing in normal type apply for TA = TJ = 25°C. Limits appearing in boldface type apply over the entire
junction temperature range for operation,
−40 to +125°C.
(1) (2) (3)
Nominal Output Voltage (VNOM)
3.3V
5.0V
Units
Symbol
Parameter
Conditions
Typical
Limit
Typical
Limit
VOUT
Output Voltage
VIN = VNOM + 1.5V,
3.30
5.00
V
1 mA
≤ IOUT ≤ 100 mA
3.17
4.80
V(min)
3.14
4.75
V(min)
3.43
5.20
V(max)
3.46
5.25
V(max)
ΔVOUT
Line Regulation
VNOM + 1.5V ≤ VIN ≤ 30V,
10
12
mV
IOUT = 1 mA
25
25
mV(max)
(1)
A typical is the center of characterization data taken with TA = TJ = 25°C. Typicals are not ensured.
(2)
All limits are ensured. All electrical characteristics having room-temperature limits are tested during production with TA = TJ = 25°C. All
hot and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(3)
All voltages except dropout are with respect to the voltage at the GND pin.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM3480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com