Electronic Components Datasheet Search
  English  ▼

X  

LM3480 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3480
Description  LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3480 Datasheet(HTML) 3 Page - Texas Instruments

  LM3480 Datasheet HTML 1Page - Texas Instruments LM3480 Datasheet HTML 2Page - Texas Instruments LM3480 Datasheet HTML 3Page - Texas Instruments LM3480 Datasheet HTML 4Page - Texas Instruments LM3480 Datasheet HTML 5Page - Texas Instruments LM3480 Datasheet HTML 6Page - Texas Instruments LM3480 Datasheet HTML 7Page - Texas Instruments LM3480 Datasheet HTML 8Page - Texas Instruments LM3480 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM3480
www.ti.com
SNVS011E – JUNE 1999 – REVISED MARCH 2013
Electrical Characteristics LM3480-3.3, LM3480-5.0 (continued)
Typicals and limits appearing in normal type apply for TA = TJ = 25°C. Limits appearing in boldface type apply over the entire
junction temperature range for operation,
−40 to +125°C.
(1) (2) (3)
Nominal Output Voltage (VNOM)
3.3V
5.0V
Units
Symbol
Parameter
Conditions
Typical
Limit
Typical
Limit
ΔVOUT
Load Regulation
VIN = VNOM + 1.5V,
20
20
mV
10 mA
≤ IOUT ≤ 100 mA
40
40
mV(max)
IGND
Ground Pin Current
VNOM + 1.5V ≤ VIN ≤ 30V,
2
2
mA
No Load
4
4
mA(max)
VIN -
Dropout Voltage
IOUT = 10 mA
0.7
0.7
V
VOUT
0.9
0.9
V(max)
1.0
1.0
V(max)
IOUT = 100 mA
0.9
0.9
V
1.1
1.1
V(max)
1.2
1.2
V(max)
en
Output Noise Voltage
VIN = 10V,
100
150
µVrms
Bandwidth: 10 Hz to 100 kHz
LM3480-12, LM3480-15
Typicals and limits appearing in normal type apply for TA = TJ = 25°C. Limits appearing in boldface type apply over the entire
junction temperature range for operation,
−40 to +125°C.
(1) (2) (3)
Nominal Output Voltage (VNOM)
12V
15V
Units
Symbol
Parameter
Conditions
Typical
Limit
Typical
Limit
VOUT
Output Voltage
VIN = VNOM + 1.5V,
12.00
15.00
V
1 mA
≤ IOUT ≤ 100 mA
11.52
14.40
V(min)
11.40
14.25
V(min)
12.48
15.60
V(max)
12.60
15.75
V(max)
ΔVOUT
Line Regulation
VNOM + 1.5V ≤ VIN ≤ 30V,
14
16
mV
IOUT = 1 mA
40
40
mV(max)
ΔVOUT
Load Regulation
VIN = VNOM + 1.5V,
36
45
mV
10 mA
≤ IOUT ≤ 100 mA
60
75
mV(max)
IGND
Ground Pin Current
VNOM + 1.5V ≤ VIN ≤ 30V,
2
2
mA
No Load
4
4
mA(max)
VIN -
Dropout Voltage
IOUT = 10 mA
0.7
0.7
V
VOUT
0.9
0.9
V(max)
1.0
1.0
V(max)
IOUT = 100 mA
0.9
0.9
V
1.1
1.1
V(max)
1.2
1.2
V(max)
en
Output Noise
VIN = 10V,
360
450
µVrms
Voltage
Bandwidth: 10 Hz to 100 kHz
(1)
A typical is the center of characterization data taken with TA = TJ = 25°C. Typicals are not ensured.
(2)
All limits are ensured. All electrical characteristics having room-temperature limits are tested during production with TA = TJ = 25°C. All
hot and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(3)
All voltages except dropout are with respect to the voltage at the GND pin.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com