Electronic Components Datasheet Search
  English  ▼

X  

AD5348 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5348
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5348 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5348 Datasheet HTML 10Page - Analog Devices AD5348 Datasheet HTML 11Page - Analog Devices AD5348 Datasheet HTML 12Page - Analog Devices AD5348 Datasheet HTML 13Page - Analog Devices AD5348 Datasheet HTML 14Page - Analog Devices AD5348 Datasheet HTML 15Page - Analog Devices AD5348 Datasheet HTML 16Page - Analog Devices AD5348 Datasheet HTML 17Page - Analog Devices AD5348 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 14 of 24
SUPPLY VOLTAGE (V)
1.4
1.2
0
2.5
3.5
3.0
4.0
0.4
0.8
4.5
5.0
5.5
0.2
0.6
1.0
TA = +105°C
TA = +25°C
TA = –40°C
VREF = 2V
GAIN = 1 UNBUFFERED
Figure 26. Supply Current vs. Supply Voltage
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TA = 25°C
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Figure 27. Power-Down Current vs. Supply Voltage
VLOGIC (V)
2.5
0
0
3
2
1
4
1.5
5
0.5
1.0
2.0
TA = 25°C
VDD = 5V
VDD = 3V
Figure 28. Supply Current vs. Logic Input Voltage
CH2
CH1
VOUTA
TA = 25°C
VDD = 5V
VREF = 5V
CH1 1V, CH2 5V, TIME BASE = 1
µs/DIV
LDAC
Figure 29. Half-Scale Settling (¼ to ¾ Scale Code)
CH2
CH1
CH1 2V, CH2 200mV, TIME BASE = 200
µs/DIV
VOUTA
VDD
TA = 25°C
VDD = 5V
VREF = 2V
Figure 30. Power-On Reset to 0 V
CH1
CH2
CH1 2.00V, CH2 1.00V, TIME BASE = 20
µs/DIV
VOUT1
PD
Figure 31. Exiting Power-Down to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com