Electronic Components Datasheet Search
  English  ▼

X  

AD5348 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5348
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5348 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5348 Datasheet HTML 12Page - Analog Devices AD5348 Datasheet HTML 13Page - Analog Devices AD5348 Datasheet HTML 14Page - Analog Devices AD5348 Datasheet HTML 15Page - Analog Devices AD5348 Datasheet HTML 16Page - Analog Devices AD5348 Datasheet HTML 17Page - Analog Devices AD5348 Datasheet HTML 18Page - Analog Devices AD5348 Datasheet HTML 19Page - Analog Devices AD5348 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 16 of 24
FUNCTIONAL DESCRIPTION
The AD5346/AD5347/AD5348 are octal resistor-string DACs
fabricated by a CMOS process with resolutions of 8, 10, and 12
bits, respectively. They are written to using a parallel interface.
They operate from single supplies of 2.5 V to 5.5 V, and the
output buffer amplifiers offer rail-to-rail output swing. The gain
of the buffer amplifiers can be set to 1 or 2 to give an output
voltage range of 0 V to VREF or 0 V to 2 × VREF. The AD5346/
AD5347/AD5348 have reference inputs that may be buffered to
draw virtually no current from the reference source. The devices
have a power-down feature that reduces current consumption
to only 100 nA @ 3 V.
DIGITAL-TO-ANALOG SECTION
The architecture of one DAC channel consists of a reference
buffer and a resistor-string DAC followed by an output buffer
amplifier. The voltage at the VREF pin provides the reference
voltage for the DAC. Figure 37 shows a block diagram of the
DAC architecture. Because the input coding to the DAC is
straight binary, the ideal output voltage is given by
Gain
D
V
V
N
REF
OUT
×
×
=
2
where:
D
is the decimal equivalent of the binary code, which is loaded
to the DAC register:
0–255 for AD5346 (8 bits)
0–1023 for AD5347 (10 bits)
0–4095 for AD5348 (12 bits)
N
is the DAC resolution.
Gain
is the output amplifier gain (1 or 2).
VOUTA
(GAIN = +1 OR +2)
VREFAB
BUF
DAC
REGISTER
INPUT
REGISTER
RESISTOR
STRING
OUTPUT
BUFFER AMPLIFIER
REFERENCE
BUFFER
Figure 37. Single DAC Channel Architecture
RESISTOR STRING
The resistor string section is shown in Figure 38. It is simply a
string of resistors, each of value R. The digital code loaded to
the DAC register determines at what node on the string the
voltage is tapped off to be fed into the output amplifier. The
voltage is tapped off by closing one of the switches connecting
the string to the amplifier. Because it is a string of resistors, it is
guaranteed monotonic.
TO OUTPUT
AMPLIFIER
R
R
R
R
R
VREF
Figure 38. Resistor String
DAC REFERENCE INPUT
The DACs operate with an external reference. The AD5346/
AD5347/AD5348 have a reference input for each pair of DACs.
The reference inputs may be configured as buffered or
unbuffered. This option is controlled by the BUF pin.
In buffered mode (BUF = 1), the current drawn from an
external reference voltage is virtually zero because the imped-
ance is at least 10 MΩ. The reference input range is 1 V to VDD.
In unbuffered mode (BUF = 0), the user can have a reference
voltage as low as 0.25 V and as high as VDD because there is no
restriction due to headroom and footroom of the reference
amplifier. The impedance is still large at typically 90 kΩ for 0 V
to VREF mode and 45 kΩ for 0 V to 2 × VREF mode.
If using an external buffered reference (such as REF192), there
is no need to use the on-chip buffer.
OUTPUT AMPLIFIER
The output buffer amplifier is capable of generating output
voltages to within 1 mV of either rail. Its actual range depends
on VREF, GAIN, the load on VOUT, and offset error.
If a gain of +1 is selected (GAIN = 0), the output range is
0.001 V to VREF.
If a gain of +2 is selected (GAIN = +1), the output range is
0.001 V to 2 × VREF. However, because of clamping, the
maximum output is limited to VDD – 0.001 V.
The output amplifier is capable of driving a load of 2 kΩ to
GND or VDD, in parallel with 500 pF to GND or VDD. The source
and sink capabilities of the output amplifier can be seen in
Figure 24.
The slew rate is 0.7 V/µs with a half-scale settling time to ±0.5 LSB
(at 8 bits) of 6 s with the output unloaded. See Figure 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com