Electronic Components Datasheet Search
  English  ▼

X  

AD5348 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5348
Description  2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5348 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5348 Datasheet HTML 16Page - Analog Devices AD5348 Datasheet HTML 17Page - Analog Devices AD5348 Datasheet HTML 18Page - Analog Devices AD5348 Datasheet HTML 19Page - Analog Devices AD5348 Datasheet HTML 20Page - Analog Devices AD5348 Datasheet HTML 21Page - Analog Devices AD5348 Datasheet HTML 22Page - Analog Devices AD5348 Datasheet HTML 23Page - Analog Devices AD5348 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD5346/AD5347/AD5348
Rev. 0 | Page 24 of 24
ORDERING GUIDES
Table 11. AD5346 Ordering Guide
Model
Temperature Range
Package Description
Package Option
AD5346BRU
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5346BRU-REEL
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5346BRU-REEL7
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5346BCP
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5346BCP-REEL
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5346BCP-REEL7
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
Table 12. AD5347 Ordering Guide
Model
Temperature Range
Package Description
Package Option
AD5347BRU
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5347BRU-REEL
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5347BRU-REEL7
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5347BCP
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5347BCP-REEL
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5347BCP-REEL7
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
Table 13. AD5348 Ordering Guide
Model
Temperature Range
Package Description
Package Option
AD5348BRU
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5348BRU-REEL
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5348BRU-REEL7
–40°C to +105°C
TSSOP (Thin Shrink Small Outline Package)
RU-38
AD5348BCP
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5348BCP-REEL
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
AD5348BCP-REEL7
–40°C to +105°C
LFCSP (Lead Frame Chip Scale Package)
CP-40
© 2003 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C03331–0–11/03(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com