Electronic Components Datasheet Search
  English  ▼

X  

AV1832D Datasheet(PDF) 9 Page - Aplus Intergrated Circuits

Part # AV1832D
Description  single-chip voice synthesizing CMOS IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV1832D Datasheet(HTML) 9 Page - Aplus Intergrated Circuits

Back Button AV1832D Datasheet HTML 5Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 6Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 7Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 8Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 9Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 10Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 11Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 12Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 13Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AVxx32A Series
Rev 1.0
2003/02/12
9
4. PAD DESCRIPTION:
Pad Name
Pad No.
ATTR.
Function
Vdd, Vdd1
1, 12
Power
Positive power supply.
OSC
2
I
Oscillator input (180K ohms connect to Vdd).
Test
17
I
Test pad for IC testing.
MODE/STS4
18
I/O
MODE: Mode selection, STS4: status output
ROW1~4
7~10
I/O
Output for MATRIX mode; Input for ALONE mode
COL1~4
3~6
I
Trigger input, internal pull low ( High active )
OUT1
11
O
Status output (STS1), or Audio output ( Current output: Cout )
OUT2
13
O
Status output (STS2), or Audio output ( PWM1 output )
OUT3
16
O
Status output (STS3), or Audio output ( PWM2 output )
GND, GND1
14, 15
Power
Negative power supply.
5. ABSOLUTE MAXIMUM RATING:
Symbol
Rating
Unit
Vdd~Vss
-0.5 ~ +7.0
V
Vin
Vss-0.3 < Vin < Vdd+0.3
V
Vout
GND < Vout < Vdd
V
Top (operating)
0 ~ +70
ºC
Tst (storage)
-25 ~ +85
ºC
6. DC CHARACTERISTICS:
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
Vdd
Operating voltage
2.4
3.0
6.4
V
Isb
Standby
1
Iop
Supply current
Operating
200
uA
Vdd=3V, I/O open
(with Rosc or OSC grounded)
Iih
5
Iil
Input current: ALONE mode
ROW1~4, COL1~4
( CDS+1M pull low )
0
uA
Vdd=3V
Iih
0.3
Iil
Input current: ALONE mode
ROW1~4, COL1~4
( CDS+10M pull low )
0
uA
Vdd=3V
Iih
0.5
Iil
Input current:
Mode input
0
uA
Vdd=3V
Ioh
-0.6
Iol
Output current: MATRIX mode
(RWO1~4)
10
mA
Vdd=3V
Ioh
-30
Vdd=3V, Vop=2.4V
Iol
PWM1, PWM2 output current
30
mA
Vdd=3V, Vop=0.6V
-1.2
-1.5
-1.8
-2.4
-3.0
-3.6
Icout
Cout output current
( Full scale )
-3.6
-4.5
-5.4
mA
Vdd=3V, Vop=0.7V
Ioh
-0.6
Vdd=3V, Vop=0V
Iol
STS1~4 output current
8
10
12
mA
Vdd=3V, Vop=3V
dF/F
Frequency stability
-5
5
%
Fosc(3v)-Fosc(2.4v)
Fosc(3v)
dF/F
Fosc lot variation
-10
10
%
Vdd=3V, Rosc=180KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com