Electronic Components Datasheet Search
  English  ▼

X  

AV1832D Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # AV1832D
Description  single-chip voice synthesizing CMOS IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AV1832D Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  AV1832D Datasheet HTML 1Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 2Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 3Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 4Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 5Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 6Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 7Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 8Page - Aplus Intergrated Circuits AV1832D Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AVxx32A Series
Rev 1.0
2003/02/12
1
1. GENERAL DESCRIPTION:
The
AV1232E, AV1832D, AV2432C are single-chip voice synthesizing CMOS IC. They can synthesize
voice up to 12, 18 and 24 seconds, using
APLUS 5-bit LOGPCM algorithm. Customer speech data can
be edited and programmed into ROM by changing one mask during the device fabrication.
2. FEATURES:
(1). Single power supply can operate from 2.4V to
5V.
(2). The total voice duration is about 12, 18 or 24 seconds those can be partitioned up to 32 voice_sections.
Each voice_section length is flexible.
(3). Each voice_section can select 4 kinds of End_Address (i.e. 4 kinds of playing_length), the longest
playing_length is the voice+mute length. The voice+mute length can be up to 22 seconds for each
voice_section ( at 6kHz sample rate ).
(4). Total 255 voice_steps are available for 32 sub_tables. For each voice_step, it can specify one
voice_section, one playing_length of voice_section, one kind of playback speed and STS1, STS2, STS3,
STS4 output enable options.
8 kinds of playback speed: 1>5.0k ; 2>5.6k ; 3>6.2k ; 4>7.0k ; 5>8.0k ; 6>9.4k ; 7>11.3k ; 8>14.1k Hz
( With Rosc= 180k ohms at Vdd= 3V )
STS1, 2, 3, 4 output enable options: each output pin with one control bit. ( “0” → enable, “1” → disable )
(5). Three trigger input mode: MATRIX, ALONE and CPU_INTERFACE. ( Mask option )
In MATRIX and ALONE, there are Mode, Priority and Debounce selections.
One control input pin “MODE/STS4” can be used as Mode selection or STS4. ( Mask option )
□
MATRIX mode: 4x4 matrix inputs ; M1~M16 (ROW1~4 x COL1~4)
◎
Mode selection: Mode=0 → subtable1~16 ; Mode=1 → subtable17~32.
◎
Priority: M1>M2>M3>M4 ; M5>M6>M7>M8 ; M9>M10>M11>M12 ; M13>M14>M15>M16.
◎
Debounce: 11ms or 1ms.
□
ALONE mode: 8 alone inputs ; A1~A8 (ROW1~4 + COL1~4)
◎
Mode selection: Mode=0 → subtable1~8 ; Mode=1 → subtable9~16
◎
Priority: A1>A2>A3>A4>A5>A6>A7>A8.
◎
Debounce: 10ms or 50us
Each alone input can choose 1M+CDS, 10M or 10M+CDS pull-low input type.
If MODE/STS4 is selected for STS4 output, MATRIX is only subtable1~16 available and ALONE is only
subtable1~8 available.
In these 2 modes, all the trigger input can be assign as different playing mode with following options:


Similar Part No. - AV1832D

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AV1832C APLUS-AV1832C Datasheet
269Kb / 13P
single-chip synthesizing CMOS VLSI
More results

Similar Description - AV1832D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141501P MOTOROLA-MC141501P Datasheet
36Kb / 1P
Single Chip Voice Memory System Low power Silicon-Gate CMOS
logo
Aplus Intergrated Circu...
API860G APLUS-API860G Datasheet
481Kb / 5P
single chip high quality voice synthesizer IC
AVXX08 APLUS-AVXX08 Datasheet
443Kb / 10P
single-chip voice synthesizing CMOS IC
AVXX16 APLUS-AVXX16 Datasheet
249Kb / 9P
single-chip synthesizing CMOS VLSI
AVXX16K APLUS-AVXX16K Datasheet
364Kb / 10P
single-chip voice synthesizing CMOS IC
AVXXX-TGX8 APLUS-AVXXX-TGX8 Datasheet
269Kb / 13P
single-chip synthesizing CMOS VLSI
P89021 APLUS-P89021 Datasheet
236Kb / 18P
VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
VOICE OTP IC
logo
ARTSCHIP ELECTRONICS CO...
AS2533 ARTSCHIP-AS2533 Datasheet
861Kb / 25P
Multi-Standard CMOS Single Chip Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com