Electronic Components Datasheet Search
  English  ▼

X  

LM611 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM611
Description  LM611 Operational Amplifier and Adjustable Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM611 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM611 Datasheet HTML 4Page - Texas Instruments LM611 Datasheet HTML 5Page - Texas Instruments LM611 Datasheet HTML 6Page - Texas Instruments LM611 Datasheet HTML 7Page - Texas Instruments LM611 Datasheet HTML 8Page - Texas Instruments LM611 Datasheet HTML 9Page - Texas Instruments LM611 Datasheet HTML 10Page - Texas Instruments LM611 Datasheet HTML 11Page - Texas Instruments LM611 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LM611
SNOSC08C – MAY 1998 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (Op Amps)
V
+ = 5V, V− = GND = 0V, V
CM = V
+/2, V
OUT = V
+/2, T
J = 25°C, unless otherwise noted
Input Common-Mode Voltage Range
VOS
vsTemperature
vs Junction Temperature
Figure 20.
Figure 21.
Input Bias Current
Reference Change
vs Common-Mode Voltage
vs Common-Mode Voltage
Figure 22.
Figure 23.
Large-Signal
Output Voltage Swing
Step Response
vs Temp. and Current
Figure 24.
Figure 25.
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com