Electronic Components Datasheet Search
  English  ▼

X  

LM611 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM611
Description  LM611 Operational Amplifier and Adjustable Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM611 Datasheet(HTML) 2 Page - Texas Instruments

  LM611 Datasheet HTML 1Page - Texas Instruments LM611 Datasheet HTML 2Page - Texas Instruments LM611 Datasheet HTML 3Page - Texas Instruments LM611 Datasheet HTML 4Page - Texas Instruments LM611 Datasheet HTML 5Page - Texas Instruments LM611 Datasheet HTML 6Page - Texas Instruments LM611 Datasheet HTML 7Page - Texas Instruments LM611 Datasheet HTML 8Page - Texas Instruments LM611 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LM611
SNOSC08C – MAY 1998 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Voltage on Any Pins Except VR (referred to V
− pin)
36V (Max)
See(3)
−0.3V (Min)
Current through Any Input Pin and VR Pin
±20 mA
Differential Input Voltage
Military and Industrial
±36V
Commercial
±32V
Storage Temperature Range
−65°C≤TJ≤+150°C
Maximum Junction Temperature
150°C
Thermal Resistance, Junction-to-Ambient(4)
N Package
100°C/W
D Package
150°C/W
Soldering Information Soldering (10 seconds)
N Package
260°C
D Package
220°C
ESD Tolerance(5)
±1 kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device beyond its rated operating conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
More accurately, it is excessive current flow, with resulting excess heating, that limits the voltages on all pins. When any pin is pulled a
diode drop below V−, a parasitic NPN transistor turns ON. No latch-up will occur as long as the current through that pin remains below
the Maximum Rating. Operation is undefined and unpredictable when any parasitic diode or transistor is conducting.
(4)
Junction temperature may be calculated using TJ = TA + PD θJA. The given thermal resistance is worst-case for packages in sockets in
still air. For packages soldered to copper-clad board with dissipation from one op amp or reference output transistor, nominal
θJA is
90°C/W for the N package and 135°C/W for the D package.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Temperature Range
LM611AI, LM611I, LM611BI
−40°C≤TJ≤+85°C
LM611AM, LM611M
−55°C≤TJ≤+125°C
LM611C
0°C
≤TJ≤70°C
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com