Electronic Components Datasheet Search
  English  ▼

X  

LM611 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM611
Description  LM611 Operational Amplifier and Adjustable Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM611 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM611 Datasheet HTML 7Page - Texas Instruments LM611 Datasheet HTML 8Page - Texas Instruments LM611 Datasheet HTML 9Page - Texas Instruments LM611 Datasheet HTML 10Page - Texas Instruments LM611 Datasheet HTML 11Page - Texas Instruments LM611 Datasheet HTML 12Page - Texas Instruments LM611 Datasheet HTML 13Page - Texas Instruments LM611 Datasheet HTML 14Page - Texas Instruments LM611 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM611
www.ti.com
SNOSC08C – MAY 1998 – REVISED MARCH 2013
Typical Performance Characteristics (Op Amps) (continued)
V
+ = 5V, V− = GND = 0V, V
CM = V
+/2, V
OUT = V
+/2, T
J = 25°C, unless otherwise noted
Power Supply Current
Positive Power Supply
vs Power Supply Voltage
Voltage Rejection Ratio
Figure 38.
Figure 39.
Negative Power Supply
Voltage Rejection Ratio
Slew Rate vs Temperature
Figure 40.
Figure 41.
Input Offset Current
vs Junction Temperature
Input Bias Current vs Junction Temperature
Figure 42.
Figure 43.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com