Electronic Components Datasheet Search
  English  ▼

X  

LM628 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM628 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM628 Datasheet HTML 11Page - Texas Instruments LM628 Datasheet HTML 12Page - Texas Instruments LM628 Datasheet HTML 13Page - Texas Instruments LM628 Datasheet HTML 14Page - Texas Instruments LM628 Datasheet HTML 15Page - Texas Instruments LM628 Datasheet HTML 16Page - Texas Instruments LM628 Datasheet HTML 17Page - Texas Instruments LM628 Datasheet HTML 18Page - Texas Instruments LM628 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
LM628, LM629
www.ti.com
SNVS781C – JUNE 1999 – REVISED MARCH 2013
DFH COMMAND: DEFINE HOME
Command Code: 02 Hex
Data Bytes: None
Executable During Motion: Yes
This command declares the current position as “home”, or absolute position 0 (Zero). If DFH is executed during
motion it will not affect the stopping position of the on-going move unless command STT is also executed.
Interrupt Control Commands
The following seven LM628 user commands are associated with conditions which can be used to interrupt the
host computer. In order for any of the potential interrupt conditions to actually interrupt the host via Pin 17, the
corresponding bit in the interrupt mask data associated with command MSKI must have been set to logic high
(the non-masked state).
The identity of all interrupts is made known to the host via reading and parsing the status byte. Even if all
interrupts are masked off via command MSKI, the state of each condition is still reflected in the status byte. This
feature facilitates polling the LM628 for status information, as opposed to interrupt driven operation.
SIP COMMAND: SET INDEX POSITION
Command Code: 03 Hex
Data Bytes: None
Executable During Motion: Yes
After this command is executed, the absolute position which corresponds to the occurrence of the next index
pulse input will be recorded in the index register, and bit 3 of the status byte will be set to logic high. The position
is recorded when both encoder-phase inputs and the index pulse input are logic low. This register can then be
read by the user (see description for command RDIP) to facilitate aligning the definition of home position (see
description of command DFH) with an index pulse. The user can also arrange to have the LM628 interrupt the
host to signify that an index pulse has occurred. See the descriptions for commands MSKI and RSTI.
LPEI COMMAND: LOAD POSITION ERROR FOR INTERRUPT
Command Code: 1B Hex
Data Bytes: Two
Data Range: 0000 to 7FFF Hex
Executable During Motion: Yes
An excessive position error (the output of the loop summing junction) can indicate a serious system problem;
e.g., a stalled rotor. Instruction LPEI allows the user to input a threshold for position error detection. Error
detection occurs when the absolute magnitude of the position error exceeds the threshold, which results in bit 5
of the status byte being set to logic high. If it is desired to also stop (turn off) the motor upon detecting excessive
position error, see command LPES, below. The first byte of threshold data written with command LPEI is the
more significant. The user can have the LM628 interrupt the host to signify that an excessive position error has
occurred. See the descriptions for commands MSKI and RSTI.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM628 LM629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com