Electronic Components Datasheet Search
  English  ▼

X  

LM628 Datasheet(PDF) 23 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM628 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM628 Datasheet HTML 19Page - Texas Instruments LM628 Datasheet HTML 20Page - Texas Instruments LM628 Datasheet HTML 21Page - Texas Instruments LM628 Datasheet HTML 22Page - Texas Instruments LM628 Datasheet HTML 23Page - Texas Instruments LM628 Datasheet HTML 24Page - Texas Instruments LM628 Datasheet HTML 25Page - Texas Instruments LM628 Datasheet HTML 26Page - Texas Instruments LM628 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
LM628, LM629
www.ti.com
SNVS781C – JUNE 1999 – REVISED MARCH 2013
Bit 13, the UDF-executed flag, is set to logic one when the UDF command is executed. Because bit 13 is cleared
at the end of the sampling interval in which it has been set, this signal is very short-lived and probably not very
profitable for monitoring.
Bit 12, the forward direction flag, is meaningful only when the LM628 is in velocity mode. The bit is set to logic
one to indicate that the desired direction of motion is “forward”; zero indicates “reverse” direction. Bit 12 is set
and cleared via command LTRJ. The actual setting and clearing of bit 12 does not occur until command STT is
executed.
Bit 11, the velocity mode flag, is set to logic one to indicate that the user has selected (via command LTRJ)
velocity mode. Bit 11 is cleared when position mode is selected (via command LTRJ). The actual setting and
clearing of bit 11 does not occur until command STT is executed.
Bit 10, the on-target flag, is set to logic one when the trajectory generator has completed its functions for the last-
issued STT command. Bit 10 is cleared by the next STT command.
Bit 9, the turn-off on-error flag, is set to logic one when command LPES is executed. Bit 9 is cleared by
command LPEI.
Bit 8, the 8-bit output flag, is set to logic one when the LM628 is reset, or when command PORT8 is executed.
Bit 8 is cleared by command PORT12.
Bits 0 through 7 replicate the status byte (see Table 7), with the exception of bit 0. Bit 0, the acquire next index
flag, is set to logic one when command SIP is executed; it then remains set until the next index pulse occurs.
RDIP COMMAND: READ INDEX POSITION
Command Code: 09 Hex
Bytes Read: Four
Data Range: C0000000 to 3FFFFFFF Hex
Executable During Motion: Yes
This command reads the position recorded in the index register. Reading the index register can be part of a
system error checking scheme. Whenever the SIP command is executed, the new index position minus the old
index position, divided by the incremental encoder resolution (encoder lines times four), should always be an
integral number. The RDIP command facilitates acquiring these data for host-based calculations. The command
can also be used to identify/verify home or some other special position. The bytes are read in most-to-least
significant order.
RDDP COMMAND: READ DESIRED POSITION
Command Code: 08 Hex
Bytes Read: Four
Data Range: C0000000 to 3FFFFFFF Hex
Executable During Motion: Yes
This command reads the instantaneous desired (current temporal ) position output of the profile generator. This
is the “setpoint” input to the position-loop summing junction. The bytes are read in most-to-least significant order.
RDRP COMMAND: READ REAL POSITION
Command Code: 0A Hex
Bytes Read: Four
Data Range: C0000000 to 3FFFFFFF Hex
Executable During Motion: Yes
This command reads the current actual position of the motor. This is the feedback input to the loop summing
junction. The bytes are read in most-to-least significant order.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM628 LM629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com