Electronic Components Datasheet Search
  English  ▼

X  

LM628 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM628
Description  LM628/LM629 Precision Motion Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM628 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM628 Datasheet HTML 14Page - Texas Instruments LM628 Datasheet HTML 15Page - Texas Instruments LM628 Datasheet HTML 16Page - Texas Instruments LM628 Datasheet HTML 17Page - Texas Instruments LM628 Datasheet HTML 18Page - Texas Instruments LM628 Datasheet HTML 19Page - Texas Instruments LM628 Datasheet HTML 20Page - Texas Instruments LM628 Datasheet HTML 21Page - Texas Instruments LM628 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
LM628, LM629
SNVS781C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
The derivative-term sampling interval is also programmable via this command. After writing the command code,
the first two data bytes that are written specify the derivative-term sampling interval and which of the four filter
parameters is/are to be written via any forthcoming data bytes. The first byte written is the more significant. Thus
the two data bytes constitute a filter control word that informs the LM628 as to the nature and number of any
following data bytes. See Table 4.
Table 4. Filter Control word Bit Allocation
Bit Position
Function
Bit 15
Derivative Sampling Interval Bit 7
Bit 14
Derivative Sampling Interval Bit 6
Bit 13
Derivative Sampling Interval Bit 5
Bit 12
Derivative Sampling Interval Bit 4
Bit 11
Derivative Sampling Interval Bit 3
Bit 10
Derivative Sampling Interval Bit 2
Bit 9
Derivative Sampling Interval Bit 1
Bit 8
Derivative Sampling Interval Bit 0
Bit 7
Not Used
Bit 6
Not Used
Bit 5
Not Used
Bit 4
Not Used
Bit 3
Loading kp Data
Bit 2
Loading ki Data
Bit 1
Loading kd Data
Bit 0
Loading il Data
Bits 8 through 15 select the derivative-term sampling interval. See Table 5. The user must locally save and
restore these bits during successive writes of the filter control word.
Bits 4 through 7 of the filter control word are not used.
Bits 0 to 3 inform the LM628 as to whether any or all of the filter parameters are about to be written. The user
may choose to update any or all (or none) of the filter parameters. Those chosen for updating are so indicated by
logic one(s) in the corresponding bit position(s) of the filter control word.
The data bytes specified by and immediately following the filter control word are written in pairs to comprise 16-
bit words. The order of sending the data words to the LM628 corresponds to the descending order shown in the
above description of the filter control word; i.e., beginning with kp, then ki, kd and il. The first byte of each word is
the more-significant byte. Prior to writing a word (byte pair) it is necessary to check the busy bit in the status byte
for readiness. The required data is written to the primary buffers of a double-buffered scheme by the above
described operations; it is not transferred to the secondary (working) registers until the UDF command is
executed. This fact can be used advantageously; the user can input numerous data ahead of their actual use.
This simple pipeline effect can relieve potential host computer data communications bottlenecks, and facilitates
easier synchronization of multiple-axis controls.
UDF COMMAND: UPDATE FILTER
Command Code: 04 Hex
Data Bytes: None
Executable During Motion: Yes
The UDF command is used to update the filter parameters, the specifics of which have been programmed via the
LFIL command. Any or all parameters (derivative-term sampling interval, kp, ki, kd, and/or il) may be changed by
the appropriate command(s), but command UDF must be executed to affect the change in filter tuning. Filter
updating is synchronized with the calculations to eliminate erratic or spurious behavior.
18
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM628 LM629



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com