Electronic Components Datasheet Search
  English  ▼

X  

LM3670 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3670
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3670 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3670 Datasheet HTML 3Page - Texas Instruments LM3670 Datasheet HTML 4Page - Texas Instruments LM3670 Datasheet HTML 5Page - Texas Instruments LM3670 Datasheet HTML 6Page - Texas Instruments LM3670 Datasheet HTML 7Page - Texas Instruments LM3670 Datasheet HTML 8Page - Texas Instruments LM3670 Datasheet HTML 9Page - Texas Instruments LM3670 Datasheet HTML 10Page - Texas Instruments LM3670 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
ILOAD (mA)
40
45
50
55
60
65
70
75
80
85
90
95
100
VIN = 5.0V
VIN = 2.7V
VIN = 3.7V
10
3
10
2
10
1
10
-2
10
-1
10
0
2.5
3
3.5
4
4.5
5
5.5
6
VIN (V)
75
80
85
90
95
100
70
ILOAD = 1 mA
ILOAD = 300 mA
ILOAD = 150 mA
0
50
100
150
200
250
300
350
ILOAD (mA)
1.7
1.72
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
PFM Mode
PWM Mode
-40
TEMPERATURE (
°C)
1.77
1.78
1.79
1.80
1.81
1.82
1.83
80
60
40
20
0
-20
IOUT = 10 mA
PFM mode
IOUT = 150 mA
PWM mode
VIN = 3.6V
VIN = 2.5V
VIN = 3.6V
VIN = 5.5V
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
10
15
20
TA = 85
°C
TA = 25
°C
TA = -40
°C
-40
-20
0
20
40
60
80
TEMPERATURE (
°C)
0
0.05
0.1
LM3670
www.ti.com
SNVS250E – NOVEMBER 2004 – REVISED FEBRUARY 2013
Typical Performance Characteristics
(unless otherwise stated: VIN= 3.6V, VOUT= 1.8V)
IQ (Non-switching) vs. VIN
IQ vs. Temp
Figure 5.
Figure 6.
VOUT vs. VIN
VOUT vs. IOUT
Figure 7.
Figure 8.
Efficiency vs. IOUT
Efficiency vs. VIN
Figure 9.
Figure 10.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com