Electronic Components Datasheet Search
  English  ▼

X  

LM3670 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3670
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3670 Datasheet(HTML) 2 Page - Texas Instruments

  LM3670 Datasheet HTML 1Page - Texas Instruments LM3670 Datasheet HTML 2Page - Texas Instruments LM3670 Datasheet HTML 3Page - Texas Instruments LM3670 Datasheet HTML 4Page - Texas Instruments LM3670 Datasheet HTML 5Page - Texas Instruments LM3670 Datasheet HTML 6Page - Texas Instruments LM3670 Datasheet HTML 7Page - Texas Instruments LM3670 Datasheet HTML 8Page - Texas Instruments LM3670 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
VIN
1
GND
2
EN
3
FB
4
SW
5
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 4.7 µH or 10 µH
[A]
VOUT
COUT: 10 µF
CIN: 4.7 µF
LM3670
VIN
2.5V to 5.5V
C1
C2
R1
R2
LM3670
SNVS250E – NOVEMBER 2004 – REVISED FEBRUARY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM3670 is available in a SOT-23-5 package. A high switching frequency - 1 MHz (typ) - allows use of tiny
surface-mount components. Only three external surface-mount components, an inductor and two ceramic
capacitors, are required.
Typical Application (continued)
A.
See Table 3
Figure 2. Adjustable Output Voltage
Connection Diagram
Figure 3. SOT-23-5 Package (Top View)
PIN DESCRIPTIONS
Pin #
Name
Description
1
VIN
Power supply input. Connect to the input filter capacitor (Figure 1).
2
GND
Ground pin.
3
EN
Enable input.
4
FB
Feedback analog input. Connect to the output filter capacitor (Figure 1).
5
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier. Connect to an
inductor with a saturation current rating that exceeds the 750 mA max. Switch Peak Current Limit
specification.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com