Electronic Components Datasheet Search
  English  ▼

X  

LM3670 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3670
Description  LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3670 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3670 Datasheet HTML 9Page - Texas Instruments LM3670 Datasheet HTML 10Page - Texas Instruments LM3670 Datasheet HTML 11Page - Texas Instruments LM3670 Datasheet HTML 12Page - Texas Instruments LM3670 Datasheet HTML 13Page - Texas Instruments LM3670 Datasheet HTML 14Page - Texas Instruments LM3670 Datasheet HTML 15Page - Texas Instruments LM3670 Datasheet HTML 16Page - Texas Instruments LM3670 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
C2 =
1
2 S R2 10 kHz
* * *
C1 =
1
2 S R1 10 kHz
* * *
VOUT =
R1
R2
VFB *
+ 1
(
)
VIN,MIN = ILOAD * (RDSON,PFET + RINDUCTOR) + VOUT
LM3670
www.ti.com
SNVS250E – NOVEMBER 2004 – REVISED FEBRUARY 2013
Soft-Start
The LM3670 has a soft-start circuit that limits in-rush current during start-up. Typical start-up times with a 10µF
output capacitor and 350mA load is 400µs:
Inrush Current (mA)
Duration (µSec)
0
32
70
224
140
256
280
256
620
until soft start ends
LDO - Low Drop Out Operation
The LM3670 can operate at 100% duty cycle (no switching, PMOS switch is completely on) for low drop out
support of the output voltage. In this way the output voltage is controlled down to the lowest possible input
voltage.
The minimum input voltage needed to support the output voltage is
where
•
ILOAD is the load current
•
RDSON, PFET is the drain to source resistance of PFET switch in the triode region
•
RINDUCTOR is the Inductor resistance
(5)
Application Information
Output Voltage Selection for Adjustable LM3670
The output voltage of the adjustable parts can be programmed through the resistor network connected from VOUT
to VFB then to GND. VOUT is adjusted to make VFB equal to 0.5V. The resistor from VFB to GND (R2) should be at
least 100K
Ω to keep the current sunk through this network well below the 15µA quiescent current level (PFM
mode with no switching) but large enough that it is not susceptible to noise. If R2 is 200KΩ, and VFB is 0.5V, then
the current through the resistor feedback network is 2.5µA (IFB =0.5V/R2). The output voltage formula is:
where
•
VOUT Output Voltage (V)
•
VFB Feedback Voltage (0.5V typ)
•
R1 Resistor from VOUT to VFB (Ω)
•
R2 Resistor from VOUT to GND (Ω)
(6)
For any output voltage greater than or equal to 0.7V a frequency zero must be added at 10kHz for stability. The
formula is:
(7)
For any output voltages below 0.7 and above or equal to 2.5V, a pole must also be placed at 10kHz as well. The
lowest output voltage possible is 0.7V. At low output voltages the duty cycle is very small and, as the input
voltage increases, the duty cycle decreases even further. Since the duty cycle is so low any change due to noise
is an appreciable percentage. In other words, it is susceptible to noise. Capacitors C1 and C2 act as noise filters
rather than frequency poles and zeros. If the pole and zero are at the same frequency the formula is:
(8)
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com