Electronic Components Datasheet Search
  English  ▼

X  

LM385MX Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM385MX
Description  LM185/LM285/LM385 Adjustable Micropower Voltage References
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM385MX Datasheet(HTML) 1 Page - Texas Instruments

  LM385MX Datasheet HTML 1Page - Texas Instruments LM385MX Datasheet HTML 2Page - Texas Instruments LM385MX Datasheet HTML 3Page - Texas Instruments LM385MX Datasheet HTML 4Page - Texas Instruments LM385MX Datasheet HTML 5Page - Texas Instruments LM385MX Datasheet HTML 6Page - Texas Instruments LM385MX Datasheet HTML 7Page - Texas Instruments LM385MX Datasheet HTML 8Page - Texas Instruments LM385MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM185-ADJ, LM285-ADJ, LM385-ADJ
www.ti.com
SNVS741F – FEBRUARY 2000 – REVISED APRIL 2013
LM185/LM285/LM385 Adjustable Micropower Voltage References
Check for Samples: LM185-ADJ, LM285-ADJ, LM385-ADJ
Careful design of the LM185 has made the device
1
FEATURES
tolerant of capacitive loading, making it easy to use in
2
•
Adjustable from 1.24V to 5.30V
almost any reference application. The wide dynamic
•
Operating Current of 10
μA to 20mA
operating range allows its use with widely varying
supplies with excellent regulation.
•
1% and 2% Initial Tolerance
•
1
Ω Dynamic Impedance
The extremely low power drain of the LM185 makes it
useful for micropower circuitry. This voltage reference
•
Low Temperature Coefficient
can be used to make portable meters, regulators or
general purpose analog circuitry with battery life
DESCRIPTION
approaching shelf life. Further, the wide operating
The LM185/LM285/LM385 are micropower 3-terminal
current allows it to replace older references with a
adjustable
band-gap
voltage
reference
diodes.
tighter tolerance part.
Operating from 1.24 to 5.3V and over a 10
μA to
The LM185 is rated for operation over a
−55°C to
20mA current range, they feature exceptionally low
125°C temperature range, while the LM285 is rated
dynamic impedance and good temperature stability.
−40°C to 85°C and the LM385 0°C to 70°C. The
On-chip trimming is used to provide tight voltage
LM185 is available in a hermetic TO package and a
tolerance. Since the LM185 band-gap reference uses
LCCC
package,
while
the
LM285/LM385
are
only transistors and resistors, low noise and good
available in a low-cost TO-92 package, as well as
long-term stability result.
SOIC.
Connection Diagram
Figure 1. TO-92 Package
Figure 2. TO Package
Bottom View
Bottom View
Figure 3. SOIC Package
Figure 4. 20-LCCC
Top View
Top View
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM385MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM385MX TI-LM385MX Datasheet
1Mb / 23P
LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385MX TI-LM385MX Datasheet
1Mb / 23P
Adjustable Micropower Voltage References
LM385MX-1.2 TI1-LM385MX-1.2 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM385MX-1.2/NOPB TI1-LM385MX-1.2/NOPB Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM385MX-1.2/NOPB TI2-LM385MX-1.2/NOPB Datasheet
1Mb / 30P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
REVISED APRIL 2013
More results

Similar Description - LM385MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM385MX TI-LM385MX Datasheet
1Mb / 23P
LM185/LM285/LM385 Adjustable Micropower Voltage References
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com