Electronic Components Datasheet Search
  English  ▼

X  

LM385MX Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM385MX
Description  LM185/LM285/LM385 Adjustable Micropower Voltage References
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM385MX Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM385MX Datasheet HTML 6Page - Texas Instruments LM385MX Datasheet HTML 7Page - Texas Instruments LM385MX Datasheet HTML 8Page - Texas Instruments LM385MX Datasheet HTML 9Page - Texas Instruments LM385MX Datasheet HTML 10Page - Texas Instruments LM385MX Datasheet HTML 11Page - Texas Instruments LM385MX Datasheet HTML 12Page - Texas Instruments LM385MX Datasheet HTML 13Page - Texas Instruments LM385MX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM185-ADJ, LM285-ADJ, LM385-ADJ
SNVS741F – FEBRUARY 2000 – REVISED APRIL 2013
www.ti.com
*D1 can be any LED, VF=1.5V to 2.2V at 3 mA. D1 may act as an indicator. D1 will be on if ITHRESHOLD falls below the
threshold current, except with I=O.
Figure 31. Precision Floating Current Detector
Figure 32. Centigrade Thermometer, 10mV/°C
Figure 33. Freezer Alarm
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM185-ADJ LM285-ADJ LM385-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com