Electronic Components Datasheet Search
  English  ▼

X  

LM385MX Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM385MX
Description  LM185/LM285/LM385 Adjustable Micropower Voltage References
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM385MX Datasheet(HTML) 3 Page - Texas Instruments

  LM385MX Datasheet HTML 1Page - Texas Instruments LM385MX Datasheet HTML 2Page - Texas Instruments LM385MX Datasheet HTML 3Page - Texas Instruments LM385MX Datasheet HTML 4Page - Texas Instruments LM385MX Datasheet HTML 5Page - Texas Instruments LM385MX Datasheet HTML 6Page - Texas Instruments LM385MX Datasheet HTML 7Page - Texas Instruments LM385MX Datasheet HTML 8Page - Texas Instruments LM385MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM185-ADJ, LM285-ADJ, LM385-ADJ
www.ti.com
SNVS741F – FEBRUARY 2000 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2) (3)
Reverse Current
30mA
Forward Current
10mA
Operating Temperature Range (4)
LM185 Series
−55°C to 125°C
LM285 Series
−40°C to 85°C
LM385 Series
0°C to 70°C
ESD Susceptibility (5)
2kV
Storage Temperature
−55°C to 150°C
Soldering Information
TO-92 Package (10 sec.)
260°C
TO Package (10 sec.)
300°C
SOIC Package
Vapor Phase (60 sec.)
215°C
Infrared (15 sec.)
220°C
See An-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics. The specifications
apply only for the test conditions listed.
(2)
Refer to RETS185H for military specifications.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
For elevated temperature operation, see Table 1 and Thermal Characteristics.
(5)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Table 1. TJ(max) for Elevated Temperature Operation
DEVICE
TJ(max) (°C)
LM185
150
LM285
125
LM385
100
Thermal Characteristics
Over operating free-air temperature range (unless otherwise noted)
Thermal Resistance
TO-92
TO-46
SOIC
180°C/W (0.4
″ leads)
θJA (Junction to Ambient)
440°C/W
165°C/W
170°C/W (0.125
″ leads)
θJC (Junction to Case)
N/A
80°C/W
N/A
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM185-ADJ LM285-ADJ LM385-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com