Electronic Components Datasheet Search
  English  ▼

X  

LM6171 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM6171
Description  LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6171 Datasheet(HTML) 2 Page - Texas Instruments

  LM6171 Datasheet HTML 1Page - Texas Instruments LM6171 Datasheet HTML 2Page - Texas Instruments LM6171 Datasheet HTML 3Page - Texas Instruments LM6171 Datasheet HTML 4Page - Texas Instruments LM6171 Datasheet HTML 5Page - Texas Instruments LM6171 Datasheet HTML 6Page - Texas Instruments LM6171 Datasheet HTML 7Page - Texas Instruments LM6171 Datasheet HTML 8Page - Texas Instruments LM6171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LM6171
SNOS745C – MAY 1998 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
2.5 kV
Supply Voltage (V+–V−)
36V
Differential Input Voltage
±10V
Common-Mode Voltage Range
V++0.3V to V−
−0.3V
Input Current
±10mA
Output Short Circuit to Ground(4)
Continuous
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature(5)
150°C
Soldering Information
Infrared or Convection Reflow
235°C
(20 sec.)
Wave Soldering Lead Temp
260°C
(10 sec.)
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(3)
Human body model, 1.5 k
Ω in series with 100 pF.
(4)
Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature
of 150°C.
(5)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
5.5V
≤ VS ≤ 34V
Operating Temperature Range
LM6171AI, LM6171BI
−40°C to +85°C
Thermal Resistance (
θJA)
P Package, 8-Pin PDIP
108°C/W
D Package, 8-Pin SOIC
172°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM6171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com