Electronic Components Datasheet Search
  English  ▼

X  

LM6171 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM6171
Description  LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6171 Datasheet(HTML) 3 Page - Texas Instruments

  LM6171 Datasheet HTML 1Page - Texas Instruments LM6171 Datasheet HTML 2Page - Texas Instruments LM6171 Datasheet HTML 3Page - Texas Instruments LM6171 Datasheet HTML 4Page - Texas Instruments LM6171 Datasheet HTML 5Page - Texas Instruments LM6171 Datasheet HTML 6Page - Texas Instruments LM6171 Datasheet HTML 7Page - Texas Instruments LM6171 Datasheet HTML 8Page - Texas Instruments LM6171 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LM6171
www.ti.com
SNOS745C – MAY 1998 – REVISED MARCH 2013
±15V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1 kΩ. Boldface
limits apply at the temperature extremes
Symbol
Parameter
Conditions
Typ
LM6171AI
LM6171BI
Units
(1)
Limit
Limit
(2)
(2)
VOS
Input Offset Voltage
1.5
3
6
mV
5
8
max
TC VOS
Input Offset Voltage Average Drift
6
μV/°C
IB
Input Bias Current
1
3
3
μA
4
4
max
IOS
Input Offset Current
0.03
2
2
μA
3
3
max
RIN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
4.9
RO
Open Loop Output Resistance
14
Ω
CMRR
Common Mode Rejection Ratio
VCM = ±10V
110
80
75
dB
75
70
min
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
95
85
80
dB
80
75
min
VCM
Input Common-Mode Voltage Range
CMRR
≥ 60 dB
±13.5
V
AV
Large Signal Voltage Gain(3)
RL = 1 kΩ
90
80
80
dB
70
70
min
RL = 100Ω
83
70
70
dB
60
60
min
VO
Output Swing
RL = 1 kΩ
13.3
12.5
12.5
V
12
12
min
−13.3
−12.5
−12.5
V
−12
−12
max
RL = 100Ω
11.6
9
9
V
8.5
8.5
min
−10.5
−9
−9
V
−8.5
−8.5
max
Continuous Output Current (Open Loop)(4) Sourcing, RL = 100Ω
116
90
90
mA
85
85
min
Sinking, RL = 100Ω
105
90
90
mA
85
85
max
Continuous Output Current (in Linear
Sourcing, RL = 10Ω
100
mA
Region)
Sinking, RL = 10Ω
80
mA
ISC
Output Short Circuit Current
Sourcing
135
mA
Sinking
135
mA
IS
Supply Current
2.5
4
4
mA
4.5
4.5
max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT =
±5V. For VS = +5V, VOUT = ±1V.
(4)
The open loop output current is the output swing with the 100
Ω load resistor divided by that resistor.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM6171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com