Electronic Components Datasheet Search
  English  ▼

X  

LM6511IM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM6511IM
Description  LM6511 180 ns 3V Comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6511IM Datasheet(HTML) 5 Page - Texas Instruments

  LM6511IM Datasheet HTML 1Page - Texas Instruments LM6511IM Datasheet HTML 2Page - Texas Instruments LM6511IM Datasheet HTML 3Page - Texas Instruments LM6511IM Datasheet HTML 4Page - Texas Instruments LM6511IM Datasheet HTML 5Page - Texas Instruments LM6511IM Datasheet HTML 6Page - Texas Instruments LM6511IM Datasheet HTML 7Page - Texas Instruments LM6511IM Datasheet HTML 8Page - Texas Instruments LM6511IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LM6511
www.ti.com
SNOS695C – JUNE 1999 – REVISED MARCH 2013
LM6511 Typical Performance Characteristics (continued)
VS = 3V unless otherwise noted
Supply Current
Output Current Limiting
vs. Temperature
Figure 8.
Figure 9.
Propagation Delay
Output Leakage Current
vs. Overdrive
Figure 10.
Figure 11.
Typical Application
Notes: Because of the very wide operating and output voltage range, the LM6511 may be used to shift logic levels
from 3V to TTL or CMOS to the other way around. By biasing the input to ½ of the input logic supply (VA), this
assures that this input remains within the input voltage range. The pull-up resistor should go to the output logic supply
(VB).
Figure 12. Universal Logic Level Shifter
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM6511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com