Electronic Components Datasheet Search
  English  ▼

X  

LM6511IM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM6511IM
Description  LM6511 180 ns 3V Comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6511IM Datasheet(HTML) 1 Page - Texas Instruments

  LM6511IM Datasheet HTML 1Page - Texas Instruments LM6511IM Datasheet HTML 2Page - Texas Instruments LM6511IM Datasheet HTML 3Page - Texas Instruments LM6511IM Datasheet HTML 4Page - Texas Instruments LM6511IM Datasheet HTML 5Page - Texas Instruments LM6511IM Datasheet HTML 6Page - Texas Instruments LM6511IM Datasheet HTML 7Page - Texas Instruments LM6511IM Datasheet HTML 8Page - Texas Instruments LM6511IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM6511
www.ti.com
SNOS695C – JUNE 1999 – REVISED MARCH 2013
LM6511 180 ns 3V Comparator
Check for Samples: LM6511
1
FEATURES
DESCRIPTION
The LM6511 voltage comparator is ideal for analog-
2
•
(Typical Unless Otherwise Noted)
digital interface circuitry when only a +3V or +3.3V
•
Operates at +2.7V, +3V, +3.3V, +5V
supply is available. The open-collector output permits
•
Low Power Consumption <9.45 mW @ V+ =
signal compatibility with a wide variety of digital
2.7V (max)
families: +5V CMOS, +3V CMOS, TTL and so on.
Supply voltage may range from 2.7V to 36V between
•
Fast Response Time of 180 ns
supply voltage leads. The LM6511 operates with little
power consumption (Pdiss < 9.45 mW at V
+ = +2.7V
APPLICATIONS
and V− = 0V).
•
Portable Equipment
This voltage comparator offers many features that are
•
Cellular Phones
available in traditional sub-microsecond comparators:
•
Digital Level Shifting
output sync strobe, inputs and output may be isolated
from system ground, and wire-ORing. Also, the
LM6511
uses
the
industry-standard,
single
comparator pinout configuration.
Connection Diagram
Figure 1. 8-Pin SOIC
See Package Number D
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM6511IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6511IM NSC-LM6511IM Datasheet
152Kb / 7P
180 ns 3V Comparator
LM6511IM NSC-LM6511IM Datasheet
150Kb / 6P
180 ns 3V Comparator
logo
Texas Instruments
LM6511IM TI1-LM6511IM Datasheet
826Kb / 14P
180 ns 3V Comparator
LM6511IM TI2-LM6511IM Datasheet
530Kb / 16P
LM6511 180 ns 3V Comparator
REVISED MARCH 2013
LM6511IM/NOPB TI1-LM6511IM/NOPB Datasheet
826Kb / 14P
180 ns 3V Comparator
More results

Similar Description - LM6511IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6511 NSC-LM6511 Datasheet
152Kb / 7P
180 ns 3V Comparator
logo
Analog Devices
AD8561 AD-AD8561 Datasheet
105Kb / 11P
Ultrafast 7 ns Single Supply Comparator
REV.0
AD8564 AD-AD8564 Datasheet
115Kb / 8P
Quad 7 ns Single Supply Comparator
AD8598 AD-AD8598 Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
AD8564 AD-AD8564_07 Datasheet
260Kb / 12P
Quad 7 ns Single Supply Comparator
REV. B
logo
National Semiconductor ...
LM6511 NSC-LM6511_03 Datasheet
150Kb / 6P
180 ns 3V Comparator
logo
Analog Devices
AD8561 AD-AD8561_13 Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
Ultrafast 7 ns Single Supply Comparator
REV. A
logo
Texas Instruments
LM6511 TI1-LM6511_14 Datasheet
826Kb / 14P
180 ns 3V Comparator
logo
Analog Devices
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
Ultrafast 7 ns Single Supply Comparator
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com