Electronic Components Datasheet Search
  English  ▼

X  

LM6511IM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM6511IM
Description  LM6511 180 ns 3V Comparator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6511IM Datasheet(HTML) 3 Page - Texas Instruments

  LM6511IM Datasheet HTML 1Page - Texas Instruments LM6511IM Datasheet HTML 2Page - Texas Instruments LM6511IM Datasheet HTML 3Page - Texas Instruments LM6511IM Datasheet HTML 4Page - Texas Instruments LM6511IM Datasheet HTML 5Page - Texas Instruments LM6511IM Datasheet HTML 6Page - Texas Instruments LM6511IM Datasheet HTML 7Page - Texas Instruments LM6511IM Datasheet HTML 8Page - Texas Instruments LM6511IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM6511
www.ti.com
SNOS695C – JUNE 1999 – REVISED MARCH 2013
DC Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 2.7V,
V
− = 0V, 50Ω ≤ R
L ≤ 50kΩ, and IL = 1.0 mA unless otherwise specified
Symbol
Parameter
Conditions
Typical
LM6511I
Units
(Limits)
Limit
VIN
Input Voltage Range
0.50
V min
V+
− 1.25
V max
Output Leakage Current
VIN ≥ 10 mV, VOUT = 35V,
nA
0.2
ISTROBE = 3 mA
max
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C. Boldface limits apply at the temperature extremes. V
+ = 2.7V,
V
− = 0V, 50Ω ≤ R
L ≤ 50kΩ, and IL = 1.0 mA unless otherwise specified
Symbol
Parameter
Conditions
Typical
LM6511I
Units
(Limits)
Limit
TR
Response Time
See(1)
180
ns
(1)
This specification is for a 100 mV input step with a 25 mV overdrive.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM6511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com