Electronic Components Datasheet Search
  English  ▼

X  

LMP8602 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8602
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8602 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP8602 Datasheet HTML 12Page - Texas Instruments LMP8602 Datasheet HTML 13Page - Texas Instruments LMP8602 Datasheet HTML 14Page - Texas Instruments LMP8602 Datasheet HTML 15Page - Texas Instruments LMP8602 Datasheet HTML 16Page - Texas Instruments LMP8602 Datasheet HTML 17Page - Texas Instruments LMP8602 Datasheet HTML 18Page - Texas Instruments LMP8602 Datasheet HTML 19Page - Texas Instruments LMP8602 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
C1 =
9Q
R1Z0
=
1
C
4Q
0
1
Z
R
C1 =
(K2
1)Q
R1Z0
R2 =
9Q
2
R1
=
2
R
1
R
2
4Q
2
R =
1
R
(
) 2
1 Q
K -
Q =
R1R2
C1
2
C1R2
R2
=
R1R2
K2
1
K2
1
Q =
R1R2
C1
2
R1C1 + R2C1
(K2
1)R1C1
K2
1
K2
1
C2 =
C1
K2
1
LMP8602, LMP8602Q, LMP8603, LMP8603Q
SNOSB36D – JULY 2009 – REVISED MARCH 2013
www.ti.com
For any filter gain K > 1x, the design procedure can be very simple if the two capacitors are chosen to in a
certain ratio.
(5)
Inserting this in the above equation for Q results in:
(6)
Which results in:
(7)
In this case, given the predetermined value of R1 = 100 k
Ω (the internal resistor), the quality factor is set solely
by the value of the resistor R2.
R2 can be calculated based on the desired value of Q as the first step of the design procedure with the following
equation:
(8)
For the gain of 5 for the LMP8602 this results in:
(9)
For the gain of 10 for the LMP8603 this is:
(10)
For instance, the value of Q can be set to 0.5
√2 to create a Butterworth response, to 1/√3 to create a Bessel
response, or a 0.5 to create a critically damped response. Once the value of R2 has been found, the second and
last step of the design procedure is to calculate the required value of C to give the desired low-pass cut-off
frequency using:
(11)
Which for the gain = 5 will give:
(12)
and for the gain = 10:
(13)
16
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com