Electronic Components Datasheet Search
  English  ▼

X  

LMP8602 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8602
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8602 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP8602 Datasheet HTML 13Page - Texas Instruments LMP8602 Datasheet HTML 14Page - Texas Instruments LMP8602 Datasheet HTML 15Page - Texas Instruments LMP8602 Datasheet HTML 16Page - Texas Instruments LMP8602 Datasheet HTML 17Page - Texas Instruments LMP8602 Datasheet HTML 18Page - Texas Instruments LMP8602 Datasheet HTML 19Page - Texas Instruments LMP8602 Datasheet HTML 20Page - Texas Instruments LMP8602 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Gr =
Rr + 100 k:
50 Rr
Rr
+IN
-IN
+
-
Preamplifier
Gain = 10
Output Buffer
Gain = K2
A1
A2
OFFSET
Internal
Resistor
100 k:
OUT
Level
shift
1
5
3
4
7
8
C2 =
9
C1
2
C =
4
1
C
C2 =
C1
K2
1
LMP8602, LMP8602Q, LMP8603, LMP8603Q
www.ti.com
SNOSB36D – JULY 2009 – REVISED MARCH 2013
For C2 the value is calculated with:
(14)
Or for a gain = 5:
(15)
and for a gain = 10:
(16)
Note that the frequency response achieved using this procedure will only be accurate if the cut-off frequency of
the second order filter is much smaller than the intrinsic 60 kHz low-pass filter. In other words, to have the
frequency response of the LMP8602/LMP8602Q/LMP8603/LMP8603Q circuit chosen such that the internal poles
do not affect the external second order filter.
For a desired Q = 0.707 and a cut off frequency = 3 kHz, this will result for the LMP8602 in rounded values for
R2 = 51 k
Ω, C1 = 1.5 nF and C2 = 3.9 nF
And for the LMP8603 this will result in rounded values for R2 = 22 k
Ω, C1 = 3.3 nF and C2 = 0.39 nF
GAIN ADJUSTMENT
The gain of the LMP8602 is 50 and the gain of the LMP8603 is 100, however, this gain can be adjusted as the
signal path in between the two internal amplifiers is available on the external pins.
Reduce Gain
Figure 44 shows the configuration that can be used to reduce the gain of the LMP8602 and the LMP8603 in
unidirectional sensing applications.
Figure 44. Reduce Gain for Unidirectional Application
Rr creates a resistive divider together with the internal 100 kΩ resistor such that, for the LMP8602, the reduced
gain Gr becomes:
(17)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com