Electronic Components Datasheet Search
  English  ▼

X  

LMP8602 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8602
Description  60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8602 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMP8602 Datasheet HTML 19Page - Texas Instruments LMP8602 Datasheet HTML 20Page - Texas Instruments LMP8602 Datasheet HTML 21Page - Texas Instruments LMP8602 Datasheet HTML 22Page - Texas Instruments LMP8602 Datasheet HTML 23Page - Texas Instruments LMP8602 Datasheet HTML 24Page - Texas Instruments LMP8602 Datasheet HTML 25Page - Texas Instruments LMP8602 Datasheet HTML 26Page - Texas Instruments LMP8602 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
RSENSE
ICharge
LOAD
Charger
ILoad
ICharge - ILoad
VS
C1
+IN
-IN
+
-
Preamplifier
Output Buffer
Gain = K2
A1
A2
Gain = 10
OFFSET
Internal
Resistor
100 k:
OUT
Level
shift
1
5
3
4
7
8
LMP8602, LMP8602Q, LMP8603, LMP8603Q
www.ti.com
SNOSB36D – JULY 2009 – REVISED MARCH 2013
BATTERY CURRENT MONITOR APPLICATION
This application example shows how the LMP8602/LMP8603 can be used to monitor the current flowing in and
out a battery pack. The fact that the LMP8602/LMP8603 can measure small voltages at a high offset voltage
outside the parts own supply range makes this part a very good choice for such applications. If the load current
of the battery is higher then the charging current, the output voltage of the LMP8602/LMP8603 will be above the
“half offset voltage” for a net current flowing out of the battery. When the charging current is higher then the load
current the output will be below this “half offset voltage”.
Figure 53. Battery Current Monitor Application
ADVANCED BATTERY CHARGER APPLICATION
The above circuit can be used to realize an advanced battery charger that has the capability to monitor the exact
net current that flows in and out the battery as show in Figure 54. The output signal of the
LMP8602/LMP8602Q/LMP8603/LMP8603Q is digitized with the A/D converter and used as an input for the
charge controller. The charge controller can be used to regulate the charger circuit to deliver exactly the current
that is required by the load, avoiding overcharging a fully loaded battery.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMP8602 LMP8602Q LMP8603 LMP8603Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com