Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5050 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # ADNS-5050
Description  Optical Mouse Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5050 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button ADNS-5050 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
Figure 8. Schematic diagram for interface between ADNS-5050 and microcontroller.
SCLK
SDIO
ADNS-5050
NCS
NRESET
1
2
3
4
VCC
QA
QB
8
1
4
3
J1
VBUS
GND
D+
D-
VCC
POWER
R13
1.30K
Q1
R2
240
D2
Z-LED
Z-ENCODER
VCC
R4
27K
R3
27K
C7
0.1
SW2
MIDDLE
SW1
SW3
RIGHT
LEFT
VCC
2
VDD
C2
4.7
U1
5
6
GND
C1
0.1
XY_LED
D1
HLMP-EG3E
+ 5V
REG0
C4
3.3
C3
0.1
VCC
P1.0
P0.7
P1.1
P1.2
P1.3
MCU
P1.6
with
P0.4
P1.7
USB
P0.2
Features
D+/SCLK
P0.3
D-/SDAT
P1.4
P1.5
XOUT
VREG
XIN/P2.1
GND
1
2
3
7
Ropt
0.5k
RECOMMENDED
LED BIN:
BIN P AND ABOVE
(P,Q,R,S….)
P0.6
P0.5
P0.0
P0.1
VPP
XY_LED
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-5050 Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com