Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5050 Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # ADNS-5050
Description  Optical Mouse Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5050 Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button ADNS-5050 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
Regulatory Requirements
 Passes FCC B and worldwide analogous emission limits when assembled into a mouse with shielded cable and
following
PixArt Imaging recommendations.
 Passes IEC-1000-4-3 radiated susceptibility level when assembled into a mouse with shielded cable and following
PixArt Imaging recommendations.
 Passes EN61000-4-4/IEC801-4 EFT tests when assembled into a mouse with shielded cable and following PixArt
Imaging recommendations.
 UL flammability level UL94 HB.
 Provides sufficient ESD creepage/clearance distance to avoid discharge up to 15 kV when assembled into a mouse
using lens according to usage instructions above.
Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Operating Temperature
TA
0
40
°C
Power Supply
VDD
4.0
5.0
5.25
V
Power Supply Rise Time
VRT
0.005
100
ms
0 to VDD
Supply Noise (Sinusoidal)
VNA
100
mV p-p
10 kHz-50 MHz
Serial Port Clock Frequency
fSCLK
3
MHz
50% duty cycle.
Distance from Lens Reference
Z
2.3
2.4
2.5
mm
Plane to Tracking Surface (Z)
Speed
S
30
ips
Acceleration
a
8
g
Load Capacitance
Cout
100
pF
SDIO
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Notes
Storage Temperature
TS
-40
85
°C
Lead Solder Temp
260
°C
Supply Voltage
VDD
-0.5
5.5
V
ESD
2
kV
All pins, human body model
MIL 883 Method 3015
Input Voltage
VIN
-0.5
VDD+0.5
V
All I/O pins
Output Current
Iout
7
mA
SDIO pin
Figure 9. Distance from lens reference plane to tracking surface (Z).
2.40
(0.094)
Z =
OBJECT SURFACE
SENSOR
LENS
LENS REFERENCE PLANE
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-5050 Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com