Electronic Components Datasheet Search
  English  ▼

X  

ADNS-5050 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # ADNS-5050
Description  Optical Mouse Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-5050 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button ADNS-5050 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-5050 Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
AC Electrical Specifications
Electrical Characteristics over recommended operating conditions. Typical values at 25 °C, VDD = 5.0 V.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Power Down
tPD
50
ms
From PD (when bit 1 of register 0x0d
is set) to low current
Wake from Power Down
tWAKEUP
50
55
ms
From PD inactive (when NRESET pin is
asserted high or write 0x5a to register
0x3a) to valid motion
Reset Pulse Width
tRESET
250
ns
Active low.
Motion Delay after Reset
tMOT-RST
50
ms
From NRESET pull high to valid mo
tion, assuming VDD and motion is
present.
SDIO Rise Time
tr-SDIO
150
300
ns
CL = 100pF
SDIO Fall Time
tf-SDIO
150
300
ns
CL = 100pF
SDIO delay after SCLK
tDLY-SDIO
120
ns
From SCLK falling edge to SDIO data
valid, no load conditions.
SDIO Hold Time
thold-SDIO
100
ns
Data held until next falling SCLK edge.
SDIO Setup Time
tsetup-SDIO
120
ns
From data valid to SCLK rising edge.
SPI Time between
tSWW
30
μs
From rising SCLK for last bit of the first
Write Commands
data byte, to rising SCLK for last bit of
the second data byte.
SPI Time between Write
tSWR
20
μs
From rising SCLK for last bit of the first
and Read Commands
data byte, to rising SCLK for last bit of
the second address byte.
SPI Time between
tSRW
500
ns
From rising SCLK for last bit of the first
Read and Subsequent
tSRR
data byte, to falling SCLK for the first
Commands
bit of the next address.
SPI Read Address-Data
tSRAD
4
10
μs
From rising SCLK for last bit of the
Delay
address byte, to falling SCLK for first bit
of data being read.
NCS Inactive after
tBEXIT
250
ns
Minimum NCS inactive time after
Motion Burst
motion burst before next SPI usage.
NCS to SCLK Active
tNCS-SCLK
120
ns
From NCS falling edge to first SCLK
rising edge.
SCLK to NCS Inactive
tSCLK-NCS
120
ns
From last SCLK rising edge to NCS
(for read operation)
rising edge, for valid SDIO data
transfer.
SCLK to NCS Inactive
tSCLK-NCS
20
us
From last SCLK rising edge to NCS
(for write operation)
rising edge, for valid SDIO data transfer.
NCS to SDIO High-Z
tNCS-SDIO
500
ns
From NCS rising edge to SDIO high-Z
state.
Transient Supply Current
IDDT
60
mA
Max supply current during a VDD ramp
from 0 to VDD.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-5050 Optical Mouse Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com