Electronic Components Datasheet Search
  English  ▼

X  

PAC7010 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAC7010
Description  motion tracing ASIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7010 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAC7010 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 5Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DOCUMENT CONTROLLED
文件編號 :
文件標題 :
PAC7010LU Specification Spec.
版
次 :
01
Page
5
of
5
本 資 料 所 有 權 屬 原 相 科 技 股 份 有 限 公 司 ,
非 經 准 許 不 可 翻 印 、 複 印 或 轉 變 任 何 其 他 形 式 .
This specification is the property of PixArt and shall not be reproduced, copied or transformed to any other forms without permission.
5
UART interface:
MCU
PAC7010
TxD
RxD
Clock
(16M~40Mhz)
5.1
Baud Rate Control
Baud Rate (bps) = Sysclk/Reg_Div, which Reg_Div is a 12 bits divider.
Default baud rate is 19200bps @27Mhz system clock.
Maximum baud rate = 5Mbps
The minimum bit rate is limited by the formula, object data count * object number * frame rate * 12 bps.
5.2
UART Timing Diagram:
D0
D1
D2
D3
D4
D5
D6
D7
Start Bit
Stop Bit
Data (8 bit)
Start bit: 1 bit
Stop bit: 1 bit
Data:
8 bit
Non use parity bit
Note: Host write registers by UART command. The interval timing between byte to next byte must be
wait two bits.
D0
D1
D2
D3
D4
D5
D6
D7
Start Bit
Stop Bit
Data (8 bit)
D0
D1
D2
D3
D4
D5
D6
D7
Start Bit
Stop Bit
Data (8 bit)
wait 2 bits



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com