Electronic Components Datasheet Search
  English  ▼

X  

PAC7010 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAC7010
Description  motion tracing ASIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7010 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAC7010 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 5Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DOCUMENT CONTROLLED
文件編號 :
文件標題 :
PAC7010LU Specification Spec.
版
次 :
01
Page
1
of
5
本 資 料 所 有 權 屬 原 相 科 技 股 份 有 限 公 司 ,
非 經 准 許 不 可 翻 印 、 複 印 或 轉 變 任 何 其 他 形 式 .
This specification is the property of PixArt and shall not be reproduced, copied or transformed to any other forms without permission.
1
General Description:
This MOT is a motion tracing ASIC with high quality CMOS image sensor, DSP and UART protocol.
The sensor can track object smartly with sub-pixel accuracy and output the object features including center
coordinate, object size, object border, object shape, object vector, object aspect ratio, object label, object
brightness sum, object movement etc…. These object features can be transferred to external processor
through UART interface.
MOT performs gain and exposure setting and can be programmed by setting internal registers via UART.
By programming these internal register sets, we can change the function in CIS, DSP and UART, such as
frame rate, exposure control, object center resolution, and UART speed…etc.
2
Features:
Sensor color type: black and white
Pixel size: 11um * 11um
Optical Format: 1/10”
Pixel depth: 8 bits
Number of array elements: 128*96
S/N ratio: 40dB @940nm, Gain=3.25X
Sensitivity: 3364 uW*sec/cm^2 @940nm, Gain=3.25X
Programmable object center coordinate resolution: up to 1024*768
Scan mode: progressive
Programmable exposure-gain control
AE(Auto Exposure): Semi-Auto -AE, Automatic-AE
System clock: 16Mhz~40MHZ (external clock)
Interface: UART
Programmable UART baud rate, baud rate up to 5Mbps
Early rejection mode
Object number: up to 8
Programmable frame rate control: 10fps~200fps under enough luminance
Object features: Object center coordinate, object size, object brightness sum, object movement
(active in nearest distance mode), object shape, object boundary, object label, object vector, object
aspect ratio etc…
Object tracking mode: No assignment mode, Nearest Distance Mode
Three modes for power management
Fast mode ( 200 fps ): Current consumption typical 15mA, (maximum 20mA) @27MHz
@DDMAIN=3.6V


Similar Part No. - PAC7010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PAC7101 FREESCALE-PAC7101 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
PAC7106 FREESCALE-PAC7106 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
PAC7111 FREESCALE-PAC7111 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
PAC7112 FREESCALE-PAC7112 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
PAC7116 FREESCALE-PAC7116 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
More results

Similar Description - PAC7010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATL25 ATMEL-ATL25 Datasheet
232Kb / 14P
ASIC
logo
STMicroelectronics
L8202 STMICROELECTRONICS-L8202 Datasheet
237Kb / 15P
MULTIFUNCTION ANALOG ASIC
Rev. 2
logo
List of Unclassifed Man...
M1EN ETC1-M1EN Datasheet
44Kb / 6P
CMOS ASIC encoder
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
0.18um Structured ASIC
logo
ATMEL Corporation
ATA2516 ATMEL-ATA2516 Datasheet
152Kb / 10P
IR Receiver ASIC
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
logo
AMI SEMICONDUCTOR
X2P376 AMI-X2P376 Datasheet
1,022Kb / 14P
0.15mm Structured ASIC
logo
ATMEL Corporation
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
logo
Aries Electronics, Inc.
150 ARIES-150 Datasheet
578Kb / 1P
Easy Identification and Tracing with 10-color Cable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com