Electronic Components Datasheet Search
  English  ▼

X  

PAC7010 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAC7010
Description  motion tracing ASIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7010 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAC7010 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7010 Datasheet HTML 5Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DOCUMENT CONTROLLED
文件編號 :
文件標題 :
PAC7010LU Specification Spec.
版
次 :
01
Page
4
of
5
本 資 料 所 有 權 屬 原 相 科 技 股 份 有 限 公 司 ,
非 經 准 許 不 可 翻 印 、 複 印 或 轉 變 任 何 其 他 形 式 .
This specification is the property of PixArt and shall not be reproduced, copied or transformed to any other forms without permission.
4
Sensor Array Format (coordinates 0,0 in upper left of array)
128(H) x 96(V)
Active Pixel
(128,96)
(0,0)
Column Address
(0,96)
(128,0)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com