Electronic Components Datasheet Search
  English  ▼

X  

LM56 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM56
Description  LM56 Dual Output Low Power Thermostat
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM56 Datasheet(HTML) 4 Page - Texas Instruments

  LM56 Datasheet HTML 1Page - Texas Instruments LM56 Datasheet HTML 2Page - Texas Instruments LM56 Datasheet HTML 3Page - Texas Instruments LM56 Datasheet HTML 4Page - Texas Instruments LM56 Datasheet HTML 5Page - Texas Instruments LM56 Datasheet HTML 6Page - Texas Instruments LM56 Datasheet HTML 7Page - Texas Instruments LM56 Datasheet HTML 8Page - Texas Instruments LM56 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM56
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
www.ti.com
LM56 Electrical Characteristics
The following specifications apply for V
+ = 2.7 V
DC, and VREF load current = 50 μA unless otherwise specified. Boldface limits
apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C unless otherwise specified.
LM56BIM
LM56CIM
Symbol
Parameter
Conditions
Typical(1)
Units (Limits)
Limits(2)
Limits(2)
Temperature Sensor
Trip Point Accuracy (Includes VREF,
±2
±3
°C (max)
Comparator Offset, and Temperature
+25°C
≤ TA ≤ +85°C
±2
±3
°C (max)
Sensitivity errors)
−40°C ≤ TA ≤ +125°C
±3
±4
°C (max)
Trip Point Hysteresis
TA = −40°C
4
3
3
°C (min)
6
6
°C (max)
TA = +25°C
5
3.5
3.5
°C (min)
6.5
6.5
°C (max)
TA = +85°C
6
4.5
4.5
°C (min)
7.5
7.5
°C (max)
TA = +125°C
6
4
4
°C (min)
8
8
°C (max)
Internal Temperature Sensitivity
+6.20
mV/°C
Temperature Sensitivity Error
±2
±3
°C (max)
±3
±4
°C (max)
Output Impedance
−1 μA ≤ IL ≤ +40 μA
1500
1500
Ω (max)
Line Regulation
+3.0V
≤ V+ ≤ +10V,
–0.72/+0.3
–0.72/+0.3
mV/V (max)
+25 °C
≤ TA ≤ +85 °C
6
6
+3.0V
≤ V+ ≤ +10V,
–1.14/+0.6
–1.14/+0.6
mV/V (max)
−40 °C ≤ TA <25 °C
1
1
+2.7V
≤ V+ ≤ +3.3V
±2.3
±2.3
mV (max)
VT1 and VT2 Analog Inputs
IBIAS
Analog Input Bias Current
150
300
300
nA (max)
VIN
Analog Input Voltage Range
V+
− 1
V
GND
V
VOS
Comparator Offset
2
8
8
mV (max)
VREF Output
VREF
VREF Nominal
1.250V
V
VREF Error
±1
±1
% (max)
±12.5
±12.5
mV (max)
ΔVREF/ΔV
+
Line Regulation
+3.0V
≤ V+ ≤ +10V
0.13
0.25
0.25
mV/V (max)
+2.7V
≤ V+ ≤ +3.3V
0.15
1.1
1.1
mV (max)
ΔVREF/ΔIL
Load Regulation Sourcing
+30
μA ≤ IL ≤ +50 μA
0.15
0.15
mV/
μA (max)
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
Units (Limits)
V+ Power Supply
IS
Supply Current
V+ = +10V
230
μA (max)
V+ = +2.7V
230
μA (max)
Digital Outputs
IOUT(“1”)
Logical “1” Output Leakage Current
V+ = +5.0V
1
μA (max)
VOUT(“0”)
Logical “0” Output Voltage
IOUT = +50 μA
0.4
V (max)
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com