Electronic Components Datasheet Search
  English  ▼

X  

LM56 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM56
Description  LM56 Dual Output Low Power Thermostat
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM56 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM56 Datasheet HTML 8Page - Texas Instruments LM56 Datasheet HTML 9Page - Texas Instruments LM56 Datasheet HTML 10Page - Texas Instruments LM56 Datasheet HTML 11Page - Texas Instruments LM56 Datasheet HTML 12Page - Texas Instruments LM56 Datasheet HTML 13Page - Texas Instruments LM56 Datasheet HTML 14Page - Texas Instruments LM56 Datasheet HTML 15Page - Texas Instruments LM56 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LM56
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
www.ti.com
The circuit shown in Figure 17 will reduce the effective bias current error for VT2 as discussed in Section 3.0 to
be equivalent to the error term of VT1. For this circuit the effect of the bias current on the first trip point can be
defined by the following equations:
(3)
where IB = 300 nA (the maximum specified error).
Similarly, bias current affect on VT2 can be defined by:
(4)
where IB = 300 nA (the maximum specified error).
The current shown in Figure 18 is a simple overtemperature detector for power devices. In this example, an
audio power amplifier IC is bolted to a heat sink and an LM56 Celsius temperature sensor is mounted on a PC
board that is bolted to the heat sink near the power amplifier. To ensure that the sensing element is at the same
temperature as the heat sink, the sensor's leads are mounted to pads that have feed throughs to the back side of
the PC board. Since the LM56 is sensing the temperature of the actual PC board the back side of the PC board
also has large ground plane to help conduct the heat to the device. The comparator's output goes low if the heat
sink temperature rises above a threshold set by R1, R2, and the voltage reference. This fault detection output
from the comparator now can be used to turn on a cooling fan. The circuit as shown in design to turn the fan on
when heat sink temperature exceeds about 80°C, and to turn the fan off when the heat sink temperature falls
below approximately 75°C.
Figure 18. Audio Power Amplifier Overtemperature Detector
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com