Electronic Components Datasheet Search
  English  ▼

X  

TPS2540 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2540
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2540 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2540 Datasheet HTML 2Page - Texas Instruments TPS2540 Datasheet HTML 3Page - Texas Instruments TPS2540 Datasheet HTML 4Page - Texas Instruments TPS2540 Datasheet HTML 5Page - Texas Instruments TPS2540 Datasheet HTML 6Page - Texas Instruments TPS2540 Datasheet HTML 7Page - Texas Instruments TPS2540 Datasheet HTML 8Page - Texas Instruments TPS2540 Datasheet HTML 9Page - Texas Instruments TPS2540 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TPS2540, TPS2540A
TPS2541, TPS2541A
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Conditions are -40
≤ TJ ≤ 125°C unless otherwise noted. VEN (if TPS2540 or TPS2540A) = VDSC (if TPS2541 or TPS2541A) =
VIN = 5 V, RFAULT = 10 kΩ, RILIM0 = 210 kΩ, RILIM1 = 20 kΩ, ILIM_SEL = 0 V, CTL1 = CTL2 = GND, CTL3 = VIN (TPS2540/40A) or
CTL3 = GND (TPS2541/41A), unless otherwise noted. Positive currents are into pins. Typical values are at 25
°C. All voltages
are with respect to GND unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Undervoltage Lockout
Low-level input voltage,
VUVLO
VIN rising
3.9
4.1
4.3
V
IN
Hysteresis, IN
100
mV
FAULT
Output low voltage,
IFAULT = 1 mA
100
mV
FAULT
Off-state leakage
VFAULT = 5.5 V
1
µA
FAULT deglitch
FAULT assertion or de-assertion due to over-current condition
5
8.5
12
ms
CTLx Inputs
CTLx pins turn on/off
VCTL
0.9
1.1
1.65
V
threshold, falling
VCTL_HYS
CTLx hysteresis
200
mV
Input current
VCTL = 0 V or 5.5 V
-0.5
0.5
µA
Thermal Shutdown
Thermal shutdown
155
threshold
Thermal shutdown
°C
135
threshold in current-limit
Hysteresis
10
High-Bandwidth Analog Switch
VDP/DM_OUT = 0 V, IDP/DM_IN = + 30 mA
2
4
On resistance DP/DM
RHS_ON
high-speed switch
VDP/DM_OUT = 2.4 V, IDP/DM_IN = - 15 mA
3
6
Ω
On resistance match
VDP/DM_OUT = 0 V, IDP/DM_IN = + 30 mA
0.05
0.15
ΔRHS_ON
between channels
VDP/DM_OUT = 2.4 V, IDP/DM_IN = - 15 mA
0.05
0.15
DP/DM switch
DP/DM off state
CIO_OFF
f = 1 MHz, switch off
3
3.6
capacitance (1)
pF
DP/DM on state
CIO_ON
f = 1 MHz, switch on
5.4
6.2
capacitance (2)
OIRR
Off state isolation
RL = 50 Ω, f = 250 MHz, -40 ≤ TJ ≤ 125°C
33
dB
On-state cross channel
XTALK
RL = 50 Ω, f = 250 MHz, -40 ≤ TJ ≤ 125°C
52
isolation
IOFF
Off state leakage
VDM_IN = VDP_IN = 3.6 V, VDM_OUT = VDP_OUT = 0 V
0.1
1.5
µA
BW
Bandwidth (-3 dB)
RL = 50 Ω
2.6
GHz
tpd
Propagation delay
0.25
Skew between opposite
ns
tSK
transitions of the same
0.1
0.2
port (tPHL –tPLH)
(1)
The resistance in series with this parasitic capacitance to GND is typically 250
Ω.
(2)
The resistance in series with this parasitic capacitance to GND is typically 150
Ω.
6
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com