Electronic Components Datasheet Search
  English  ▼

X  

TPS2540 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2540
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2540 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2540 Datasheet HTML 9Page - Texas Instruments TPS2540 Datasheet HTML 10Page - Texas Instruments TPS2540 Datasheet HTML 11Page - Texas Instruments TPS2540 Datasheet HTML 12Page - Texas Instruments TPS2540 Datasheet HTML 13Page - Texas Instruments TPS2540 Datasheet HTML 14Page - Texas Instruments TPS2540 Datasheet HTML 15Page - Texas Instruments TPS2540 Datasheet HTML 16Page - Texas Instruments TPS2540 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
0
1
4
5
2
3
-40
-20
0
60
80
100
120
T
J - Junction Temperature - °C
40
20
140
Turn-On Time
Turn-Off Time
0
1
4
5
2
3
-40
-20
0
60
80
100
120
T
J - Junction Temperature - °C
40
20
140
0.5
1.5
4.5
2.5
3.5
V
DP/DM_OUT = 0 V, IDP/DM_IN = 30 mA
V
DP/DM_OUT = 2.4 V, IDP/DM_IN = -15 mA
0
0.2
1.8
2
1
0.6
1.4
0.4
1.2
0.8
1.6
-40
-20
0
60
80
100
120
T
J - Junction Temperature - °C
40
20
140
0
100
600
700
300
400
0
1
2
5
6
7
8
I
FAULT - FAULT Sink Current - mA
4
3
9
200
500
T
J = 125°C
T
J = 25°C
T
J = -40°C
10
TPS2540, TPS2540A
TPS2541, TPS2541A
www.ti.com
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
TURN-ON TIME, TURN-OFF TIME
DATA SWITCH ON-RESISTANCE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 9.
Figure 10.
FAULT OUTPUT VOLTAGE
EN THRESHOLD FALLING
vs
vs
SINK CURRENT
TEMPERATURE
Figure 11.
Figure 12.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com