Electronic Components Datasheet Search
  English  ▼

X  

TPS2540 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2540
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2540 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2540 Datasheet HTML 17Page - Texas Instruments TPS2540 Datasheet HTML 18Page - Texas Instruments TPS2540 Datasheet HTML 19Page - Texas Instruments TPS2540 Datasheet HTML 20Page - Texas Instruments TPS2540 Datasheet HTML 21Page - Texas Instruments TPS2540 Datasheet HTML 22Page - Texas Instruments TPS2540 Datasheet HTML 23Page - Texas Instruments TPS2540 Datasheet HTML 24Page - Texas Instruments TPS2540 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
2
14
3
11
10
1
DP_IN
DM_IN
DM_OUT
DP_OUT
IN
GND
50 W
50 W
50 W
Network Analyzer
50 W
Source Signal
5 V
UDG-10142
2
14
3
11
10
1
DP_IN
DM_IN
DM_OUT
DP_OUT
IN
GND
50 W
50 W
Network Analyzer
50 W
Source Signal
5 V
50 W
UDG-10122
TPS2540, TPS2540A
TPS2541, TPS2541A
www.ti.com
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
SDP Mode
Figure 35. ON State Cross Channel Isolation (XTALK)
Figure 36. ON State Cross Channel Isolation (XTALK)
Network Analyzer Setup
•
Source signal = 600-mV peak-to-peak at 50-
Ω load
•
DC bias = 300 mV
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com