Electronic Components Datasheet Search
  English  ▼

X  

TPS2541ARTET Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541ARTET
Description  USB Charging Port Power Switch and Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541ARTET Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS2541ARTET Datasheet HTML 25Page - Texas Instruments TPS2541ARTET Datasheet HTML 26Page - Texas Instruments TPS2541ARTET Datasheet HTML 27Page - Texas Instruments TPS2541ARTET Datasheet HTML 28Page - Texas Instruments TPS2541ARTET Datasheet HTML 29Page - Texas Instruments TPS2541ARTET Datasheet HTML 30Page - Texas Instruments TPS2541ARTET Datasheet HTML 31Page - Texas Instruments TPS2541ARTET Datasheet HTML 32Page - Texas Instruments TPS2541ARTET Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
0
900
1000
400
600
60
80
100
160
180
220
R
ILIM - Current Limit Resistance - kW
140
800
700
500
300
200
100
200
120
I
SHORT_min
I
SHORT_max
MIN
1.037
ILIMx
48000
IOS
2500mA
R
=
=
1
1
1.037
1.037
ILIMx
MIN
48000
48000
R
17.28k
IOS
2500mA
é
ù
é
ù
=
=
=
ê
ú
ê
ú
ë
û
ë
û
ILIMx
17.28k
R
17.11k
1.01
=
=
ILIMx
R
16.9k
=
TPS2540, TPS2540A
TPS2541, TPS2541A
www.ti.com
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
Current Limit Threshold
vs
Current Limit Resistance
Figure 42.
Current Limit Setpoint Example
In the following example, choose the ILIM resistor to ensure that the TPS2540/40A/41/41A does not trip off under
worst case conditions of ILIM and resistor tolerance (assume 1% resistor tolerance). For this example, IOSMIN =
2500 mA.
(6)
(7)
Including resistor tolerance, target maximum:
(8)
Choose:
(9)
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com